Electronic Components Datasheet Search
  English  ▼

X  

175196-2 Datasheet(PDF) 178 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 178 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 174Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 175Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 176Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 177Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 178Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 179Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 180Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 181Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 182Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
176
HF-HIP-K 8/HF-EMV-K 8 HF-HIP-K 12/HF-EMV-K 12 Gehäuse/Housings
Baugröße/Size 8/12
EMV-K: Schutz gegen elektromagnetische Beeinflussung, druckdicht, korrosionsgeschützt, schwarz
HIP-K: Korrosionsgeschützt, schwarz
EMV: Protection against electro-magnetic interference, pressure-tight, Housings corrosion-resistant, black
HIP-K: Housings corrosion-resistant, black
Schraubverriegelung am Oberteil/Screw lock on hood
IP 68
HF-HIP-K.8.Sto.1.M50G
HF.8.EMV-K.8.Sto.1.M50G
HF.HIP-K.8.Sto.2.M40G
HF.EMV-K.8.Sto.2.M40G
HF-HIP-K.8.AG.N
HF-EMV-K.8.AG.N
HF-HIP-K.8.AG
HF-EMV-K.8.AG
HF-HIP-K.12.Sto.2.M40G
HF-EMV-K.12.Sto.2.M40G
HF-HIP-K.12.Sto.2.M50G
HF-EMV-K.12.Sto.2.M50G
HF-HIP-K.12.AG.N
HF-EMV-K.12.AG.N
HF-HIP-K.12.AG
HF-EMVK-K.12.AG
0-1102839-4
0-1102839-3
0-1102839-2
0-1102839-1
0-1102837-2
0-1102837-1
0-1102836-2
0-1102836-1
0-1102840-2
0-1102840-1
0-1102840-4
0-1102840-3
0-1102838-2
0-1102838-1
0-1102192-2
0-1102192-1
Bestelltext
Designation
Bestell-Nr.
Order No.
PG
20 mm
20 mm
20 mm
20 mm
Passende Kabelverschraubungen ab Seite 188/Suitable Cable fittings from page 188
Metr.
1 x M50
1 x M50
2 x M40
2 x M40
81 mm
81 mm
2 x M40
2 x M40
2 x M50
2 x M50
81 mm
81 mm
Bezeichnung
Description
Gehäuseoberteil
Hood
Gehäuseunterteil
Housing bottom
Gehäuseoberteil
Hood
Gehäuseunterteil
Housing bottom
126
184
M50
0-1102839-3
0-1102837-1
184
104
130
0-1102838-1
104
130
184
0-1102836-1
184
104
130
0-1102840-3
M50
M20
84
184
167
0-1102838-1
104
130
184
Höhe/height
Höhe/height



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com