Electronic Components Datasheet Search
  English  ▼

X  

175196-2 Datasheet(PDF) 180 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 180 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 176Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 177Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 178Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 179Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 180Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 181Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 182Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 183Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 184Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
178
Quick-In System/Quick-In System
QSB
QM
Cos.Quick-In
ZE-HSB-Quick
0-1106515-1
0-1106516-1
0-1110939-3
0-1108723-1
Bestelltext
Designation
Bestell-Nr.
Order No.
Bezeichnung
Description
Rasterelement zur Verriegelung Stifteinsatz-Buchseneinsatz
locking elemnet for fixing ipin insert-socket insert
Rasterelement zur Befestigung im Montageausschnitt
locking elemnet for fixing in panel cut-out
Blechdicke/Panel strength
min. 1mm – max. 2mm
Baugrösse
Abmessungen
Size
Dimensions
A
3
65
4
78
6
98,5
8
125
Blechdicke/Panel strength
2mm – max. 3mm
Baugrösse
Abmessungen
Size
Dimensions
A
3
66
4
79
6
99,5
8
126
Merkmale
• Befestigung der Rastelemente am Kontakteinsatz ohne Werkzeug
• Funktionalität durch robuste Ausführung
• Bedienerfreundliches Handling
• Höchstmass an Flexibilität
• Kostensenkung durch rationelle Verarbeitung und Entfall der Metallgehäuse
• Platzsparende Montage
• Verwendbar für alle Kontakteinsätze der Baugrössen 3, 4, 6, 8
• Montagekostenreduktion durch Vorassemblage
Characteristics
• fixing of the locking elemnets on the contact insert without tools
• practicality due to solid execution
• user-friendly handling
• highest degree of flexibility
• cost reduction due to economic finish and omission of metal housings
• space-saving assembly
• can be used for all contact inserts of the sizes 3, 4, 6, 8
• cost reduction due to pre-assembly
Kodierset
Coding set
A 0
+0,5
Zugentlastungsschelle
Cable clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com