Electronic Components Datasheet Search
  English  ▼

X  

175196-2 Datasheet(PDF) 182 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 182 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 178Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 179Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 180Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 181Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 182Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 183Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 184Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 185Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 186Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
180
Kodierung/Coding
SPB-M3
F-Bu-M3
F-Sti-M3
1-1106100-1
1-1106101-1
1-1106102-1
Bestelltext
Designation
Bestell-Nr.
Order No.
Bezeichnung
Description
Kodierungsmöglichkeiten
Codings
Kodierungsmöglichkeiten mit Sperrbolzen
Für Gehäuse mit 1 Kontakteinsatz
Coding with code pins
For housings with 1 contact insert
Für Gehäuse mit 1 Kontakteinsatz
For housings with 1 contact insert
Kodierungen mit Führungsstiften und -buchsen verhindern
weitestgehend ein Schrägstecken und -ziehen des Steckers.
Schräglage nach DIN EN 175.301-801 in Längsrichtung ± 5°.
Coding with guide pins and bushes prevents angular plugging
and unplugging the connector.
Max. angle as per DIN EN 175.301-801 (longitudinally) ± 5°.
Sti
Bu
1
Sti
Bu
2
Sti
Bu
3
Sti
Bu
4
Sti
Bu
5
Sti
Bu
6
Sti
Bu
7
Sti
Bu
8
Sti
Bu
9
Sti
Bu
10
Sti
Bu
11
Sti
Bu
12
Sti
Bu
13
Sti
Bu
14
Sti
Bu
15
Sti
Bu
16
Für Gehäuse mit 2 Kontakteinsätzen
For housings with 2 contact inserts
1
2
3
4
5
6
10
11
12
13
14
15
7
8
9
12.5
22.5
1-1106100-1
Führungsstifte- und buchsen
Guide pins and bushes
Führungsstift
Guide pins
15
25
1-1106102-2
Sperrbolzen
Code pin
Sti = Stifteinsatz/Male insert
Bu = Buchseneinsatz/Female insert
G
= Führungsstift/Guide pin
G
= Führungsbuchse/Guide bush
+ = Befestigungsschraube/
Fixing screw
Pro Steckverbinder werden 4 Sperr-
bolzen benötigt
4 code pins are required per connector
1-1106101-1
16
26
Führungsbuchse
Guide bush
Sti = Stifteinsatz/Male insert
Bu = Buchseneinsatz/Female insert
L
= Sperrbolzen/Code pin
+ = Befestigungsschraube/
Fixing screw
Sti
Bu
Sti
Bu
Sti
Bu
Sti
45
6
Bu
Sti
Bu
1
Sti
Bu
Sti
Sti
Bu
Mit 2 Kontakteinsätzen/with 2 contact inserts
2
Sti
Bu
3
4
5
6
3
2
1
L L
L L
L L
L L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
Bu
Sti
Bu
Sti
Sti
Bu
Bu
Sti
Bu
Sti
Sti
Bu
Bu
Sti
Bu
Sti
Sti
Bu
Bu
Sti
Bu
Sti
Sti
Bu
Bu
Sti
Bu
Sti
Sti
Bu
Bu
Sti
Bu
Sti
Sti
Bu
Bu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com