Electronic Components Datasheet Search
  English  ▼

X  

175196-2 Datasheet(PDF) 195 Page - List of Unclassifed Manufacturers

Part # 175196-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175196-2 Datasheet(HTML) 195 Page - List of Unclassifed Manufacturers

Back Button 175196-2 Datasheet HTML 191Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 192Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 193Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 194Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 195Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 196Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 197Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 198Page - List of Unclassifed Manufacturers 175196-2 Datasheet HTML 199Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
193
Kabelverschraubungen und Zubehör/Cable fittings and accessories
ERW-Erweiterung, REDU 6kt, Messing, vernickelt
Adapter NPT-PG
ERW increasing piece, REDU hexagonal reducing piece, Brass, nickel plated
Adaptor NPT-PG
ASD.11.N
ASD.13.N
ASD.16.N
ASD.21.N
ASD.29.N
ASD.36.N
ASD.42.N
ASD-K.16.N
ASD-K.21.N
ASD-K.29.N
ASD-K.11.V
ASD-K.21.V
ASD-K.36.V
ASD-K.42.V
O-RING.11.SCHW
O-RING.13.SCHW
O-RING.16.SCHW
O-RING.21.SCHW
O-RING.29.SCHW
O-RING.36.SCHW
O-RING.42.SCHW
O-RING.11.VITON
O-RING.13.VITON
O-RING.29.VITON
O-RING.42.VITON
1-1106050-1
2-1106050-1
3-1106050-1
4-1106050-1
5-1106050-1
6-1106050-1
7-1106050-1
3-1106051-1
4-1106051-1
5-1106051-1
1-1106052-1
4-1106052-1
6-1106052-1
7-1106052-1
1-1106053-1
2-1106053-1
3-1106053-1
4-1106053-1
5-1106053-1
6-1106053-1
7-1106053-1
1-1106053-2
2-1106053-2
5-1106053-2
7-1106053-2
Bestelltext
Designation
Bestell-Nr.
Order No.
PG
11
13,5
16
21
29
36
42
16
21
29
11
21
36
42
11
13,5
16
21
29
36
42
11
13,5
29
42
Metr.
M20
M25
M32
M40
M50
M20
M40
Bezeichnung
Description
1-1106050-1
Ausschneidbarer Dichtring Neoprene schwarz, mit 2 Metall-Druckscheiben
Cut-out sealing ring Neoprene black 2 metal pressure rings
PG
DD
min
max
11
7,5
12,5
13,5
7,5
12,5
16
7,5
15
21
10
19
29
18
27
36
24
33
42
30
39
Viton, mit 2 Kunststoff-Druckscheiben, für hohe Temperaturen
Viton, 2 plastic pressure rings for high temperatures
O-Dichtringe Standard schwarz
O rings standard black
O-Dichtringe Viton, für hohe Temperaturen bis 200° C
Dauertemperatur
O rings Viton, for high temperatures (up to 200° C perma-
nent temperature)
Innen-Durchmesser
x Schnurstärke
Inner diameter
x ring diameter
16x1,5
18x1,5
20x1,5
26x2
34x2
44x2
50x2
1-1106050-1
PG
DD
min
max
11
7,5
12,5
13,5
7,5
12,5
16
7,5
15
21
10
19
29
18
27
36
24
33
42
30
39
Ausschneidbarer Dichtring für K-Serie
Cut-out sealing ring for K-series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com