Electronic Components Datasheet Search
  English  ▼

X  

CC2500 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC2500 Datasheet HTML 35Page - Texas Instruments CC2500 Datasheet HTML 36Page - Texas Instruments CC2500 Datasheet HTML 37Page - Texas Instruments CC2500 Datasheet HTML 38Page - Texas Instruments CC2500 Datasheet HTML 39Page - Texas Instruments CC2500 Datasheet HTML 40Page - Texas Instruments CC2500 Datasheet HTML 41Page - Texas Instruments CC2500 Datasheet HTML 42Page - Texas Instruments CC2500 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 99 page
background image
CC2500
SWRS040C
Page 39 of 89
19 Radio Control
TX
19,20
RX
13,14,15
IDLE
1
CALIBRATE
8
MANCAL
3,4,5
SETTLING
9,10,11
RXFIFO_OVERFLOW
17
TXFIFO_UNDERFLOW
22
RXTX_ SETTLING
21
FSTXON
18
SFSTXON
FS_ AUTOCAL= 00 | 10 | 11
&
SRX | STX | SFSTXON | WOR
SRX | WOR
STX
STX
TXFIFO_ UNDERFLOW
STX | RXOFF_ MODE = 10
RXOFF_ MODE= 00
&
FS_ AUTOCAL= 10 | 11
SFTX
SRX | TXOFF_ MODE = 11
SIDLE
SCAL
CAL_ COMPLETE
FS_ AUTOCAL= 01
&
SRX | STX | SFSTXON | WOR
RXFIFO_ OVERFLOW
CAL_ COMPLETE
SFRX
CALIBRATE
12
IDLE
1
TXOFF_ MODE = 00
&
FS_ AUTOCAL= 10 | 11
RXOFF_ MODE = 00
&
FS_ AUTOCAL= 00 | 01
TXOFF_ MODE = 00
&
FS_ AUTOCAL= 00 | 01
TXOFF_ MODE = 10
RXOFF_ MODE = 11
SFSTXON | RXOFF_ MODE = 01
TXRX_ SETTLING
16
SRX | STX | SFSTXON | WOR
SLEEP
0
SPWD | SWOR
XOFF
2
SXOFF
CSn = 0
CSn = 0 | WOR
( STX | SFSTXON) & CCA
|
RXOFF_ MODE= 01 | 10
TXOFF_ MODE=01
FS_ WAKEUP
6,7
SRX
Figure 15: Complete Radio Control State Diagram
CC2500 has a built-in state machine that is
used to switch between different operation
states (modes). The change of state is done
either by using command strobes or by
internal events such as TX FIFO underflow.
A simplified state diagram, together with
typical usage and current consumption, is
shown in Figure 5 on page 15. The complete
radio control state diagram is shown in Figure
15. The numbers refer to the state number
readable in the MARCSTATE status register.
This register is primarily for test purposes.
19.1
Power-On Start-Up Sequence
When the power supply is turned on, the
system must be reset. One of the following two
sequences
must
be
followed:
Automatic
power-on reset (POR) or manual reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com