Electronic Components Datasheet Search
  English  ▼

X  

CC2500 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC2500 Datasheet HTML 8Page - Texas Instruments CC2500 Datasheet HTML 9Page - Texas Instruments CC2500 Datasheet HTML 10Page - Texas Instruments CC2500 Datasheet HTML 11Page - Texas Instruments CC2500 Datasheet HTML 12Page - Texas Instruments CC2500 Datasheet HTML 13Page - Texas Instruments CC2500 Datasheet HTML 14Page - Texas Instruments CC2500 Datasheet HTML 15Page - Texas Instruments CC2500 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 99 page
background image
CC2500
SWRS040C
Page 12 of 89
4.4
Crystal Oscillator
Tc = 25
C, VDD = 3.0 V if nothing else stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Crystal frequency
26
26
27
MHz
Tolerance
±40
ppm
This is the total tolerance including a) initial tolerance, b) crystal
loading, c) aging, and d) temperature dependence.
The acceptable crystal tolerance depends on RF frequency and
channel spacing / bandwidth.
ESR
100
Start-up time
150
µs
Measured on CC2500EM reference design ([4]) using crystal
AT-41CD2 from NDK.
This parameter is to a large degree crystal dependent.
Table 7: Crystal Oscillator Parameters
4.5
Low Power RC Oscillator
Tc = 25
C, VDD = 3.0 V if nothing else stated. All measurement results obtained using the CC2500EM reference design
([4]).
Parameter
Min
Typ
Max
Unit
Condition/Note
Calibrated frequency
34.7
34.7
36
kHz
Calibrated RC oscillator frequency is XTAL
frequency divided by 750
Frequency accuracy after
calibration
-1 /
+10
%
The RC oscillator contains an error in the
calibration routine that statistically occurs in
17.3% of all calibrations performed. The given
maximum accuracy figures account for the
calibration error. Refer also to the
CC2500
Errata Notes.
Temperature coefficient
+0.4
% /
C
Frequency drift when temperature changes
after calibration
Supply voltage coefficient
+3
% / V
Frequency drift when supply voltage changes
after calibration
Initial calibration time
2
ms
When the RC oscillator is enabled, calibration
is continuously done in the background as long
as the crystal oscillator is running.
Table 8: RC Oscillator Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com