Electronic Components Datasheet Search
  English  ▼

X  

CC2500 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500 Datasheet(HTML) 4 Page - Texas Instruments

  CC2500 Datasheet HTML 1Page - Texas Instruments CC2500 Datasheet HTML 2Page - Texas Instruments CC2500 Datasheet HTML 3Page - Texas Instruments CC2500 Datasheet HTML 4Page - Texas Instruments CC2500 Datasheet HTML 5Page - Texas Instruments CC2500 Datasheet HTML 6Page - Texas Instruments CC2500 Datasheet HTML 7Page - Texas Instruments CC2500 Datasheet HTML 8Page - Texas Instruments CC2500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 99 page
background image
CC2500
SWRS040C
Page 4 of 89
Table of Contents
APPLICATIONS ...........................................................................................................................................1
PRODUCT DESCRIPTION......................................................................................................................... 1
KEY FEATURES ..........................................................................................................................................1
RF PERFORMANCE ...........................................................................................................................................1
ANALOG FEATURES..........................................................................................................................................1
DIGITAL FEATURES ..........................................................................................................................................1
LOW-POWER FEATURES ...................................................................................................................................2
GENERAL.......................................................................................................................................................... 2
ABBREVIATIONS........................................................................................................................................3
TABLE OF CONTENTS .............................................................................................................................. 4
1
ABSOLUTE MAXIMUM RATINGS ...........................................................................................................6
2
OPERATING CONDITIONS......................................................................................................................6
3
GENERAL CHARACTERISTICS ...............................................................................................................6
4
ELECTRICAL SPECIFICATIONS...............................................................................................................7
4.1
CURRENT CONSUMPTION .....................................................................................................................7
4.2
RF RECEIVE SECTION........................................................................................................................... 9
4.3
RF TRANSMIT SECTION ......................................................................................................................11
4.4
CRYSTAL OSCILLATOR .......................................................................................................................12
4.5
LOW POWER RC OSCILLATOR............................................................................................................12
4.6
FREQUENCY SYNTHESIZER CHARACTERISTICS...................................................................................13
4.7
ANALOG TEMPERATURE SENSOR .......................................................................................................14
4.8
DC CHARACTERISTICS .......................................................................................................................14
4.9
POWER-ON RESET .............................................................................................................................. 14
5
PIN CONFIGURATION .......................................................................................................................... 15
6
CIRCUIT DESCRIPTION........................................................................................................................17
7
APPLICATION CIRCUIT........................................................................................................................17
8
CONFIGURATION OVERVIEW ..............................................................................................................19
9
CONFIGURATION SOFTWARE ..............................................................................................................20
10
4-WIRE SERIAL CONFIGURATION AND DATA INTERFACE ...................................................................21
10.1
CHIP STATUS BYTE ............................................................................................................................ 22
10.2
REGISTER ACCESS .............................................................................................................................. 23
10.3
SPI READ ...........................................................................................................................................23
10.4
COMMAND STROBES .......................................................................................................................... 24
10.5
FIFO ACCESS .....................................................................................................................................24
10.6
PATABLE
ACCESS ............................................................................................................................. 24
11
MICROCONTROLLER INTERFACE AND PIN CONFIGURATION ............................................................... 25
11.1
CONFIGURATION INTERFACE ..............................................................................................................25
11.2
GENERAL CONTROL AND STATUS PINS .............................................................................................. 25
11.3
OPTIONAL RADIO CONTROL FEATURE ............................................................................................... 26
12
DATA RATE PROGRAMMING...............................................................................................................26
13
RECEIVER CHANNEL FILTER BANDWIDTH.......................................................................................... 27
14
DEMODULATOR, SYMBOL SYNCHRONIZER AND DATA DECISION.......................................................27
14.1
FREQUENCY OFFSET COMPENSATION.................................................................................................27
14.2
BIT SYNCHRONIZATION......................................................................................................................27
14.3
BYTE SYNCHRONIZATION...................................................................................................................28
15
PACKET HANDLING HARDWARE SUPPORT ......................................................................................... 28
15.1
DATA WHITENING .............................................................................................................................. 29
15.2
PACKET FORMAT................................................................................................................................ 29
15.3
PACKET FILTERING IN RECEIVE MODE ............................................................................................... 31
15.4
CRC CHECK .......................................................................................................................................31
15.5
PACKET HANDLING IN TRANSMIT MODE............................................................................................ 32
15.6
PACKET HANDLING IN RECEIVE MODE .............................................................................................. 32
15.7
PACKET HANDLING IN FIRMWARE......................................................................................................33
16
MODULATION FORMATS.....................................................................................................................33
16.1
FREQUENCY SHIFT KEYING ................................................................................................................33
16.2
MINIMUM SHIFT KEYING....................................................................................................................33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com