Electronic Components Datasheet Search
  English  ▼

X  

CC2500 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500 Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC2500 Datasheet HTML 45Page - Texas Instruments CC2500 Datasheet HTML 46Page - Texas Instruments CC2500 Datasheet HTML 47Page - Texas Instruments CC2500 Datasheet HTML 48Page - Texas Instruments CC2500 Datasheet HTML 49Page - Texas Instruments CC2500 Datasheet HTML 50Page - Texas Instruments CC2500 Datasheet HTML 51Page - Texas Instruments CC2500 Datasheet HTML 52Page - Texas Instruments CC2500 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
CC2500
SWRS040C
Page 49 of 89
-20
-10
0
10
20
30
40
50
-3
-2
-1
0
1
2
3
Frequency offset [MHz]
Figure 24: Typical Selectivity at 250 kBaud. IF Frequency is 177.7 kHz.
MDMCFG2.DEM_DCFILT_OFF
=0
-20
-10
0
10
20
30
40
50
-3
-2
-1
0
1
2
3
Frequency offset [MHz]
Figure 25: Typical Selectivity at 250 kBaud. IF Frequency is 457 kHz.
MDMCFG2.DEM_DCFILT_OFF
=1
-20
-15
-10
-5
0
5
10
15
20
25
30
35
-3
-2
-1
0
1
2
3
Frequency offse t [MHz]
Figure 26: Typical Selectivity at 500 kBaud. IF Frequency is 304.7 kHz.
MDMCFG2.DEM_DCFILT_OFF
=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com