Electronic Components Datasheet Search
  English  ▼

X  

CC2500 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC2500 Datasheet HTML 10Page - Texas Instruments CC2500 Datasheet HTML 11Page - Texas Instruments CC2500 Datasheet HTML 12Page - Texas Instruments CC2500 Datasheet HTML 13Page - Texas Instruments CC2500 Datasheet HTML 14Page - Texas Instruments CC2500 Datasheet HTML 15Page - Texas Instruments CC2500 Datasheet HTML 16Page - Texas Instruments CC2500 Datasheet HTML 17Page - Texas Instruments CC2500 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 99 page
background image
CC2500
SWRS040C
Page 14 of 89
4.7
Analog Temperature Sensor
The characteristics of the analog temperature sensor at 3.0 V supply voltage are listed in Table
10 below. Note that it is necessary to write 0xBF to the PTEST register to use the analog
temperature sensor in the IDLE state.
Parameter
Min
Typ
Max
Unit
Condition/Note
Output voltage at –40
C
0.654
V
Output voltage at 0
C
0.750
V
Output voltage at +40
C
0.848
V
Output voltage at +80
C
0.946
V
Temperature coefficient
2.43
mV/
C
Fitted from –20
C to +80C
Error in calculated
temperature, calibrated
-2
*
0
2
*
C
From –20
C to +80C when using 2.43 mV / C,
after 1-point calibration at room temperature
* The indicated minimum and maximum error with 1-
point calibration is based on measured values for
typical process parameters
Current consumption
increase when enabled
0.3
mA
Table 10: Analog Temperature Sensor Parameters
4.8
DC Characteristics
Tc = 25
C if nothing else stated.
Digital Inputs/Outputs
Min
Max
Unit
Condition/Note
Logic "0" input voltage
0
0.7
V
Logic "1" input voltage
VDD-0.7
VDD
V
Logic "0" output voltage
0
0.5
V
For up to 4 mA output current
Logic "1" output voltage
VDD-0.3
VDD
V
For up to 4 mA output current
Logic "0" input current
N/A
–50
nA
Input equals 0 V
Logic "1" input current
N/A
50
nA
Input equals VDD
Table 11: DC Characteristics
4.9
Power-On Reset
When the power supply complies with the requirements in Table 12 below, proper Power-On-
Reset functionality is guaranteed. Otherwise, the chip should be assumed to have unknown state
until transmitting an SRES strobe over the SPI interface. See Section 19.1 on page 39 for further
details.
Parameter
Min
Typ
Max
Unit
Condition/Note
Power ramp-up time
5
ms
From 0 V until reaching 1.8 V
Power off time
1
ms
Minimum time between power-on and power-off
Table 12: Power-on Reset Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com