Electronic Components Datasheet Search
  English  ▼

X  

CC2500 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC2500
Description  Low-Cost Low-Power 2.4 GHz RF Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2500 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2500 Datasheet HTML 7Page - Texas Instruments CC2500 Datasheet HTML 8Page - Texas Instruments CC2500 Datasheet HTML 9Page - Texas Instruments CC2500 Datasheet HTML 10Page - Texas Instruments CC2500 Datasheet HTML 11Page - Texas Instruments CC2500 Datasheet HTML 12Page - Texas Instruments CC2500 Datasheet HTML 13Page - Texas Instruments CC2500 Datasheet HTML 14Page - Texas Instruments CC2500 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
CC2500
SWRS040C
Page 11 of 89
4.3
RF Transmit Section
Tc = 25
C, VDD = 3.0 V, 0 dBm if nothing else stated. All measurement results obtained using the CC2500EM reference
design ([4]).
Parameter
Min
Typ
Max
Unit
Condition/Note
Differential load
impedance
80 + j74
Differential impedance as seen from the RF-port (RF_P and
RF_N
) towards the antenna. Follow the CC2500EM
reference design ([4]) available from the TI website.
Output power,
highest setting
+1
dBm
Output power is programmable and full range is available
across the entire frequency band.
Delivered to a 50
 single-ended load via CC2500EM
reference design ([4]) RF matching network.
Output power,
lowest setting
–30
dBm
Output power is programmable and full range is available
across the entire frequency band.
Delivered to a 50
 single-ended load via CC2500EM
reference design ([4]) RF matching network.
It is possible to program less than -30 dBm output power,
but this is not recommended due to large variation in output
power across operating conditions and processing corners
for these settings.
Occupied bandwidth
(99%)
91
117
296
489
kHz
kHz
kHz
kHz
2.4 kBaud, 38.2 kHz deviation, 2-FSK
10 kBaud, 38.2 kHz deviation, 2-FSK
250 kBaud, MSK
500 kBaud, MSK
Adjacent channel
power (ACP)
-28
-27
-22
-21
dBc
dBc
dBc
dBc
2.4 kBaud, 38.2 kHz deviation, 2-FSK, 250 kHz channel
spacing
10 kBaud, 38.2 kHz deviation, 2-FSK, 250 kHz channel
spacing
250 kBaud, MSK, 750 kHz channel spacing
500 kBaud, MSK, 1 MHz channel spacing
Spurious emissions
25 MHz – 1 GHz
47-74, 87.5-118, 174-
230, 470-862 MHz
1800-1900 MHz
At 2
∙RF and 3∙RF
Otherwise above 1
GHz
–36
–54
–47
–41
–30
dBm
dBm
dBm
dBm
dBm
Restricted band in Europe
Restricted bands in USA
TX latency
8
bit
Serial operation. Time from sampling the data on the
transmitter data input pin until it is observed on the RF
output ports.
Table 6: RF Transmit Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com