Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 147 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 147 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 143Page - Microchip Technology DM163006 Datasheet HTML 144Page - Microchip Technology DM163006 Datasheet HTML 145Page - Microchip Technology DM163006 Datasheet HTML 146Page - Microchip Technology DM163006 Datasheet HTML 147Page - Microchip Technology DM163006 Datasheet HTML 148Page - Microchip Technology DM163006 Datasheet HTML 149Page - Microchip Technology DM163006 Datasheet HTML 150Page - Microchip Technology DM163006 Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 147
PIC18C601/801
14.5.3
SETUP FOR PWM OPERATION
The following steps should be taken when configuring
the CCP module for PWM operation:
1.
Set the PWM period by writing to the PR2
register.
2.
Set the PWM duty cycle by writing to the
CCPR1L register and CCP1CON<5:4> bits.
3.
Make the CCP1 pin an output by clearing the
TRISC<2> bit.
4.
Set the TMR2 prescale value and enable Timer2
by writing to T2CON.
5.
Configure the CCP1 module for PWM operation.
TABLE 14-4:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS AT 25 MHz
TABLE 14-5:
REGISTERS ASSOCIATED WITH PWM AND TIMER2
PWM Frequency
1.53 kHz
6.10 kHz
24.41 kHz
97.66kHz
195.31 kHz 260.42 kHz
Timer Prescaler (1, 4, 16)
16
4
1
1
1
1
PR2 Value
0FFh
FFh
FFh
3Fh
1Fh
17h
Maximum Resolution (bits)
10
10
10
8
7
6.6
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
Value on
all other
RESETS
INTCON
GIE/
GIEH
PEIE/
GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
0000 000u
PIR1
—
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
-000 0000
-000 0000
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
-000 0000
-000 0000
IPR1
—
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
-000 0000
-000 0000
TRISC
PORTC Data Direction Register
1111 1111
1111 1111
TMR2
Timer2 Module’s Register
0000 0000
0000 0000
PR2
Timer2 Module’s Period Register
1111 1111
1111 1111
T2CON
—
TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 -000 0000
-000 0000
CCPR1L
Capture/Compare/PWM Register1 (LSB)
xxxx xxxx
uuuu uuuu
CCPR1H Capture/Compare/PWM Register1 (MSB)
xxxx xxxx
uuuu uuuu
CCP1CON
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2 CCP1M1
CCP1M0
--00 0000
--00 0000
CCPR2L
Capture/Compare/PWM Register2 (LSB)
xxxx xxxx
uuuu uuuu
CCPR2H Capture/Compare/PWM Register2 (MSB)
xxxx xxxx
uuuu uuuu
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2 CCP2M1
CCP2M0
--00 0000
--00 0000
PIR2
—
—
—
—
BCLIF
LVDIF
TMR3IF
CCP2IF
---- 0000
---- 0000
PIE2
—
—
—
—
BCLIE
LVDIE
TMR3IE
CCP2IE
---- 0000
---- 0000
IPR2
—
—
—
—
BCLIP
LVDIP
TMR3IP
CCP2IP
---- 0000
---- 0000
Legend:
x
= unknown, u = unchanged, — = unimplemented, read as '0'. Shaded cells are not used by PWM and Timer2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com