Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 195 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 195 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 191Page - Microchip Technology DM163006 Datasheet HTML 192Page - Microchip Technology DM163006 Datasheet HTML 193Page - Microchip Technology DM163006 Datasheet HTML 194Page - Microchip Technology DM163006 Datasheet HTML 195Page - Microchip Technology DM163006 Datasheet HTML 196Page - Microchip Technology DM163006 Datasheet HTML 197Page - Microchip Technology DM163006 Datasheet HTML 198Page - Microchip Technology DM163006 Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 195
PIC18C601/801
REGISTER 17-3:
ADCON2 REGISTER
The analog reference voltage is software selectable to
either the device’s positive and negative supply
voltage (VDD and VSS), or the voltage level on the
RA3/AN3/VREF+ pin and RA2/AN2/VREF-.
The A/D converter has a unique feature of being able
to operate while the device is in SLEEP mode. To oper-
ate in SLEEP, the A/D conversion clock must be
derived from the A/D’s internal RC oscillator.
The output of the sample and hold is the input into the
converter, which generates the result via successive
approximation.
A device RESET forces all registers to their RESET
state. This forces the A/D module to be turned off and
any conversion is aborted.
Each port pin associated with the A/D converter can
be configured as an analog input (RA3 can also be a
voltage reference), or as a digital I/O.
The ADRESH and ADRESL registers contain the
result of the A/D conversion. When the A/D conver-
sion is complete, the result is loaded into the
ADRESH/ADRESL
registers,
the
GO/DONE
bit
(ADCON0 register) is cleared, and A/D interrupt flag
bit ADIF is set. The block diagram of the A/D module
is shown in Figure 17-1.
R/W-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
ADFM
—
—
—
—
ADCS2
ADCS1
ADCS0
bit 7
bit 0
bit 7
ADFM: A/D Result Format Select bit
1
= Right justified
0
= Left justified
bit 6-3
Unimplemented: Read as '0'
bit 2-0
ADCS2:ADCS0: A/D Conversion Clock Select bits
000
= FOSC/2
001
= FOSC/8
010
= FOSC/32
011
= FRC (clock derived from an internal RC oscillator = 1 MHz max)
100
= FOSC/4
101
= FOSC/16
110
= FOSC/64
111
= FRC (clock derived from an internal RC oscillator = 1 MHz max)
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com