Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 198 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 198 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 194Page - Microchip Technology DM163006 Datasheet HTML 195Page - Microchip Technology DM163006 Datasheet HTML 196Page - Microchip Technology DM163006 Datasheet HTML 197Page - Microchip Technology DM163006 Datasheet HTML 198Page - Microchip Technology DM163006 Datasheet HTML 199Page - Microchip Technology DM163006 Datasheet HTML 200Page - Microchip Technology DM163006 Datasheet HTML 201Page - Microchip Technology DM163006 Datasheet HTML 202Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 320 page
background image
PIC18C601/801
DS39541A-page 198
Advance Information
 2001 Microchip Technology Inc.
17.1
A/D Acquisition Requirements
For the A/D converter to meet its specified accuracy,
the charge holding capacitor (CHOLD) must be allowed
to fully charge to the input channel voltage level. The
analog input model is shown in Figure 17-2. The
source impedance (RS) and the internal sampling
switch (RSS) impedance directly affect the time
required to charge the capacitor CHOLD. The sampling
switch (RSS) impedance varies over the device voltage
(VDD). The source impedance affects the offset voltage
at the analog input (due to pin leakage current). The
maximum recommended impedance for analog
sources is 2.5k
Ω. After the analog input channel is
selected (changed), this acquisition must be done
before the conversion can be started.
To
calculate
the
minimum
acquisition
time,
Equation 17-1 may be used. This equation assumes
that 1/2 LSb error is used (1024 steps for the A/D). The
1/2 LSb error is the maximum error allowed for the A/D
to meet its specified resolution.
Example 17-1 shows the calculation of the minimum
required acquisition time TACQ. This calculation is
based on the following application system assumptions:
CHOLD
=
120 pF
Rs
=
2.5 k
Ω
Conversion Error
≤
1/2 LSb
VDD
=
5V
→ Rss = 7 kΩ
Temperature
=
50
°C (system max.)
VHOLD
=0V @ time = 0
EQUATION 17-1:
ACQUISITION TIME
EQUATION 17-2:
A/D MINIMUM CHARGING TIME
EXAMPLE 17-1: CALCULATING THE MINIMUM REQUIRED ACQUISITION TIME
Note:
When the conversion is started, the hold-
ing capacitor is disconnected from the
input pin.
TACQ
=
Amplifier Settling Time +
Holding Capacitor Charging Time +
Temperature Coefficient
=TAMP + TC + TCOFF
VHOLD
=
(VREF - (VREF/2048)) • (1 - e(-Tc/C
HOLD
(RIC + RSS + RS)))
or
TC
=
-(120 pF)(1 k
Ω + RSS + RS) ln(1/2047)
TACQ
=TAMP + TC + TCOFF
Temperature coefficient is only required for temperatures > 25
°C.
TACQ
=2
µs + TC + [(Temp - 25°C)(0.05 µs/°C)]
TC
=-CHOLD (RIC + RSS + RS) ln(1/2047)
-120 pF (1 k
Ω + 7 kΩ + 2.5 kΩ) ln(0.0004885)
-120 pF (10.5 k
Ω) ln(0.0004885)
-1.26
µs (-7.6241)
9.61
µs
TACQ
=2
µs + 9.61 µs + [(50°C - 25°C)(0.05 µs/°C)]
11.61
µs + 1.25 µs
12.86
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com