Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 193 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 193 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 189Page - Microchip Technology DM163006 Datasheet HTML 190Page - Microchip Technology DM163006 Datasheet HTML 191Page - Microchip Technology DM163006 Datasheet HTML 192Page - Microchip Technology DM163006 Datasheet HTML 193Page - Microchip Technology DM163006 Datasheet HTML 194Page - Microchip Technology DM163006 Datasheet HTML 195Page - Microchip Technology DM163006 Datasheet HTML 196Page - Microchip Technology DM163006 Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 193
PIC18C601/801
17.0
10-BIT ANALOG-TO-DIGITAL
CONVERTER (A/D) MODULE
The analog-to-digital (A/D) converter module has 8
inputs for the PIC18C601 devices and 12 for the
PIC18C801 devices. This module has the ADCON0,
ADCON1, and ADCON2 registers.
The A/D allows conversion of an analog input signal
to a corresponding 10-bit digital number.
The A/D module has five registers:
• A/D Result High Register (ADRESH)
• A/D Result Low Register (ADRESL)
• A/D Control Register 0 (ADCON0)
• A/D Control Register 1 (ADCON1)
• A/D Control Register 2 (ADCON2)
The ADCON0 register, shown in Register 17-1, controls
the operation of the A/D module. The ADCON1 register,
shown in Register 17-2, configures the functions of the
port pins. The ADCON2, shown in Register 16-3, config-
ures the A/D clock source and justification.
REGISTER 17-1:
ADCON0 REGISTER
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
bit 7
bit 0
bit 7-6
Unimplemented: Read as '0'
bit 5-2
CHS3:CHS0: Analog Channel Select bits
0000
= channel 00, (AN0)
0001
= channel 01, (AN1)
0010
= channel 02, (AN2)
0011
= channel 03, (AN3)
0100
= channel 04, (AN4)
0101
= channel 05, (AN5)
0110
= channel 06, (AN6)
0111
= channel 07, (AN7)
1000
= channel 08, (AN8)(1)
1001
= channel 09, (AN9)(1)
1010
= channel 10, (AN10)(1)
1011
= channel 11, (AN11)(1)
1100
= Reserved
1101
= Reserved
1110
= Reserved
1111
= Reserved
These channels are not available on the PIC18C601 devices.
bit 1
GO/DONE: A/D Conversion Status bit
When ADON = 1:
1
= A/D conversion in progress. Setting this bit starts an A/D conversion cycle. This bit is
automatically cleared by hardware when the A/D conversion is complete.
0
= A/D conversion not in progress
bit 0
ADON: A/D On bit
1
= A/D converter module is operating
0
= A/D converter module is shut-off and consumes no operating current
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com