Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPZ Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPZ Datasheet(HTML) 46 Page - Texas Instruments

Back Button MSP430F6779IPZ Datasheet HTML 42Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 43Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 44Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 45Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 46Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 47Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 48Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 49Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Table 44. Port P9, P10 Registers (Base Address: 0280h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Port P9 input
P9IN
00h
Port P9 output
P9OUT
02h
Port P9 direction
P9DIR
04h
Port P9 pullup/pulldown enable
P9REN
06h
Port P9 drive strength
P9DS
08h
Port P9 selection 0
P9SEL0
0Ah
Port P10 input
P10IN
01h
Port P10 output
P10OUT
03h
Port P10 direction
P10DIR
05h
Port P10 pullup/pulldown enable
P10REN
07h
Port P10 drive strength
P10DS
09h
Port P10 selection 0
P10SEL0
0Bh
Table 45. Port 11 Registers (Base Address: 02A0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Port P11 input
P11IN
00h
Port P11 output
P11OUT
02h
Port P11 direction
P11DIR
04h
Port P11 pullup/pulldown enable
P11REN
06h
Port P11 drive strength
P11DS
08h
Port P11 selection 0
P11SEL0
0Ah
Table 46. Port J Registers (Base Address: 0320h)
REGISTER DESCRIPTION
REGISTER
OFFSET
Port PJ input
PJIN
00h
Port PJ output
PJOUT
02h
Port PJ direction
PJDIR
04h
Port PJ pullup/pulldown enable
PJREN
06h
Port PJ drive strength
PJDS
08h
Port PJ selection
PJSEL
0Ah
Table 47. TA0 Registers (Base Address: 0340h)
REGISTER DESCRIPTION
REGISTER
OFFSET
TA0 control
TA0CTL
00h
Capture/compare control 0
TA0CCTL0
02h
Capture/compare control 1
TA0CCTL1
04h
Capture/compare control 2
TA0CCTL2
06h
TA0 counter register
TA0R
10h
Capture/compare register 0
TA0CCR0
12h
Capture/compare register 1
TA0CCR1
14h
Capture/compare register 2
TA0CCR2
16h
TA0 expansion register 0
TA0EX0
20h
TA0 interrupt vector
TA0IV
2Eh
46
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com