Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPZ Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPZ Datasheet(HTML) 80 Page - Texas Instruments

Back Button MSP430F6779IPZ Datasheet HTML 76Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 77Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 78Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 79Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 80Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 81Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 82Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 83Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
LCD_C Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VLCD
LCD voltage
VLCDx = 0000, VLCDEXT = 0
2.4 V to 3.6 V
VCC
V
LCDCPEN = 1, VLCDx = 0001
2 V to 3.6 V
2.60
V
LCDCPEN = 1, VLCDx = 0010
2 V to 3.6 V
2.66
V
LCDCPEN = 1, VLCDx = 0011
2 V to 3.6 V
2.72
V
LCDCPEN = 1, VLCDx = 0100
2 V to 3.6 V
2.78
V
LCDCPEN = 1, VLCDx = 0101
2 V to 3.6 V
2.84
V
LCDCPEN = 1, VLCDx = 0110
2 V to 3.6 V
2.90
V
LCDCPEN = 1, VLCDx = 0111
2 V to 3.6 V
2.96
V
LCDCPEN = 1, VLCDx = 1000
2 V to 3.6 V
3.02
V
LCDCPEN = 1, VLCDx = 1001
2 V to 3.6 V
3.08
V
LCDCPEN = 1, VLCDx = 1010
2 V to 3.6 V
3.14
V
LCDCPEN = 1, VLCDx = 1011
2 V to 3.6 V
3.20
V
LCDCPEN = 1, VLCDx = 1100
2 V to 3.6 V
3.26
V
LCDCPEN = 1, VLCDx = 1101
2.2 V to 3.6 V
3.32
V
LCDCPEN = 1, VLCDx = 1110
2.2 V to 3.6 V
3.38
V
LCDCPEN = 1, VLCDx = 1111
2.2 V to 3.6 V
3.50
3.72
V
ICC,Peak,CP
Peak supply currents due to charge
LCDCPEN = 1, VLCDx = 1111
2.2 V
200
µA
pump activities
tLCD,CP,on
Time to charge CLCD when
CLCD = 4.7 µF, LCDCPEN = 0→1,
2.2 V
100
500
ms
discharged
VLCDx = 1111
ICP,Load
Maximum charge pump load
LCDCPEN = 1, VLCDx = 1111
2.2 V
50
µA
current
RLCD,Seg
LCD driver output impedance,
LCDCPEN = 1, VLCDx = 1000, ILOAD
2.2 V
10
k
Ω
segment lines
= ±10 µA
RLCD,COM
LCD driver output impedance,
LCDCPEN = 1, VLCDx = 1000, ILOAD
2.2 V
10
k
Ω
common lines
= ±10 µA
80
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com