Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPZ Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPZ Datasheet(HTML) 58 Page - Texas Instruments

Back Button MSP430F6779IPZ Datasheet HTML 54Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 55Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 56Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 57Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 58Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 59Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 60Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 61Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 157 page
background image
2.0
1.8
8
0
12
20
25
Supply Voltage - V
The numbers within the fields denote the supported PMMCOREVx settings.
2.2
2.4
3.6
0, 1, 2, 3
0, 1, 2
0, 1
0
1, 2, 3
1, 2
1
2, 3
3
2
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Recommended Operating Conditions (continued)
Typical values are specified at VCC = 3.3 V and TA = 25°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
(VCC - VIOH) x IIOH +
PIO
I/O power dissipation of the I/O pins powered by DVCC
W
VIOL x IIOL
PMAX
Maximum allowed power dissipation, PMAX > PIO + PINT
(TJ - TA)/θJA
W
Figure 2. Maximum System Frequency
Electrical Characteristics
Active Mode Supply Current Into VCC Excluding External Current
over recommended operating free-air temperature (unless otherwise noted)
(1) (2) (3)
FREQUENCY (fDCO = fMCLK = fSMCLK)
EXECUTION
PMMCOREV
PARAMETER
VCC
1 MHz
8 MHz
12 MHz
20 MHz
25 MHz
UNIT
MEMORY
x
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
0
0.32
0.50
2.08
2.84
1
0.35
2.35
3.50
4.76
IAM, Flash
(4)
Flash
3 V
mA
2
0.39
2.68
3.99
6.61
8.3
3
0.41
2.83
4.22
6.98
8.67
11.75
0
0.19
1.04
1
0.21
1.20
1.77
IAM, RAM
(5)
RAM
3 V
mA
2
0.23
1.38
2.04
3.35
3
0.24
1.47
2.18
3.58
4.44
(1)
All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
(2)
The currents are characterized with a Micro Crystal MS1V-T1K crystal with a load capacitance of 12.5 pF. The internal and external load
capacitance are chosen to closely match the required 12.5 pF.
(3)
Characterized with program executing typical data processing.
fACLK = 32786 Hz, fDCO = fMCLK = fSMCLK at specified frequency.
XTS = CPUOFF = SCG0 = SCG1 = OSCOFF = SMCLKOFF = 0.
(4)
Active mode supply current when program executes in flash at a nominal supply voltage of 3.0V.
(5)
Active mode supply current when program executes in RAM at a nominal supply voltage of 3.0V.
58
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com