Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPZ Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPZ Datasheet(HTML) 79 Page - Texas Instruments

Back Button MSP430F6779IPZ Datasheet HTML 75Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 76Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 77Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 78Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 79Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 80Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 81Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 82Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
LCD_C Recommended Operating Conditions
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage range,
LCDCPEN = 1, 0000 < VLCDx
≤ 1111 (charge
VCC,LCD_C,CP en,3.6
charge pump enabled,
2.2
3.6
V
pump enabled, VLCD ≤ 3.6 V)
VLCD ≤ 3.6 V
Supply voltage range,
LCDCPEN = 1, 0000 < VLCDx
≤ 1100 (charge
VCC,LCD_C,CP en,3.3
charge pump enabled,
2.0
3.6
V
pump enabled, VLCD ≤ 3.3 V)
VLCD ≤ 3.3 V
Supply voltage range,
VCC,LCD_C,int. bias
internal biasing,
LCDCPEN = 0, VLCDEXT = 0
2.4
3.6
V
charge pump disabled
Supply voltage range,
VCC,LCD_C,ext. bias
external biasing,
LCDCPEN = 0, VLCDEXT = 0
2.4
3.6
V
charge pump disabled
Supply voltage range,
external LCD voltage,
VCC,LCD_C,VLCDEXT
internal or external
LCDCPEN = 0, VLCDEXT = 1
2.0
3.6
V
biasing, charge pump
disabled
External LCD voltage
at LCDCAP/R33,
VLCDCAP/R33
internal or external
LCDCPEN = 0, VLCDEXT = 1
2.4
3.6
V
biasing, charge pump
disabled
Capacitor on LCDCAP
LCDCPEN = 1, VLCDx > 0000 (charge pump
CLCDCAP
when charge pump
4.7
4.7
10
µF
enabled)
enabled
LCD frame frequency
fLCD = 2 × mux × fFRAME with mux = 1 (static), 2,
fFrame
0
100
Hz
range
3, 4.
ACLK input frequency
fACLK,in
30
32
40
kHz
range
CPanel
Panel capacitance
100-Hz frame frequency
10000
pF
Analog input voltage
VR33
LCDCPEN = 0, VLCDEXT = 1
2.4
VCC+0.2
V
at R33
VR03 +
Analog input voltage
VR23,1/3bias
LCDREXT = 1, LCDEXTBIAS = 1, LCD2B = 0
VR13 2/3*(VR33
VR33
V
at R23
-VR03)
Analog input voltage
VR03 +
VR13,1/3bias
at R13 with 1/3
LCDREXT = 1, LCDEXTBIAS = 1, LCD2B = 0
VR03 1/3*(VR33
VR23
V
biasing
-VR03)
Analog input voltage
VR03 +
VR13,1/2bias
at R13 with 1/2
LCDREXT = 1, LCDEXTBIAS = 1, LCD2B = 1
VR03 1/2*(VR33
VR33
V
biasing
-VR03)
Analog input voltage
VR03
R0EXT = 1
VSS
V
at R03
Voltage difference
VLCD-VR03
between VLCD and
LCDCPEN = 0, R0EXT = 1
2.4
VCC+0.2
V
R03
External LCD
reference voltage
VLCDREF/R13
VLCDREFx = 01
0.8
1.2
1.5
V
applied at
LCDREF/R13
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com