Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPZ Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPZ Datasheet(HTML) 54 Page - Texas Instruments

Back Button MSP430F6779IPZ Datasheet HTML 50Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 51Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 52Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 53Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 54Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 55Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 56Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 57Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
www.ti.com
Table 65. SD24_B Registers (Base Address: 0800h)
REGISTER DESCRIPTION
REGISTER
OFFSET
SD24_B Control 0 register
SD24BCTL0
00h
SD24_B Control 1 register
SD24BCTL1
02h
SD24_B Trigger Control register
SD24BTRGCTL
04h
SD24_B Trigger OSR Control register
SD24BTRGOSR
06h
SD24_B Trigger Preload register
SD24BTRGPRE
08h
SD24_B interrupt flag register
SD24BIFG
0Ah
SD24_B interrupt enable register
SD24BIE
0Ch
SD24_B Interrupt Vector register
SD24BIV
0Eh
SD24_B converter 0 Control register
SD24BCCTL0
10h
SD24_B converter 0 Input Control register
SD24BINCTL0
12h
SD24_B converter 0 OSR Control register
SD24BOSR0
14h
SD24_B converter 0 Preload register
SD24BPRE0
16h
SD24_B converter 1 Control register
SD24BCCTL1
18h
SD24_B Converter 1 Input Control register
SD24BINCTL1
1Ah
SD24_B Converter 1 OSR Control register
SD24BOSR1
1Ch
SD24_B Converter 1 Preload register
SD24BPRE1
1Eh
SD24_B Converter 2 Control register
SD24BCCTL2
20h
SD24_B Converter 2 Input Control register
SD24BINCTL2
22h
SD24_B Converter 2 OSR Control register
SD24BOSR2
24h
SD24_B Converter 2 Preload register
SD24BPRE2
26h
SD24_B converter 3 Control register
SD24BCCTL3
28h
SD24_B converter 3 Input Control register
SD24BINCTL3
2Ah
SD24_B converter 3 OSR Control register
SD24BOSR3
2Ch
SD24_B converter 3 Preload register
SD24BPRE3
2Eh
SD24_B converter 4 Control register
SD24BCCTL4
30h
SD24_B Converter 4 Input Control register
SD24BINCTL4
32h
SD24_B Converter 4 OSR Control register
SD24BOSR4
34h
SD24_B Converter 4 Preload register
SD24BPRE4
36h
SD24_B Converter 5 Control register
SD24BCCTL5
38h
SD24_B Converter 5 Input Control register
SD24BINCTL5
3Ah
SD24_B Converter 5 OSR Control register
SD24BOSR5
3Ch
SD24_B Converter 5 Preload register
SD24BPRE5
3Eh
SD24_B Converter 6 Control register
SD24BCCTL6
40h
SD24_B Converter 6 Input Control register
SD24BINCTL6
42h
SD24_B Converter 6 OSR Control register
SD24BOSR6
44h
SD24_B Converter 6 Preload register
SD24BPRE6
46h
SD24_B Converter 0 Conversion Memory Low Word register
SD24BMEML0
50h
SD24_B Converter 0 Conversion Memory High Word register
SD24BMEMH0
52h
SD24_B Converter 1 Conversion Memory Low Word register
SD24BMEML1
54h
SD24_B Converter 1 Conversion Memory High Word register
SD24BMEMH1
56h
SD24_B Converter 2 Conversion Memory Low Word register
SD24BMEML2
58h
SD24_B Converter 2 Conversion Memory High Word register
SD24BMEMH2
5Ah
SD24_B Converter 3 Conversion Memory Low Word register
SD24BMEML3
5Ch
SD24_B Converter 3 Conversion Memory High Word register
SD24BMEMH3
5Eh
SD24_B Converter 4 Conversion Memory Low Word register
SD24BMEML4
60h
SD24_B Converter 4 Conversion Memory High Word register
SD24BMEMH4
62h
SD24_B Converter 5 Conversion Memory Low Word register
SD24BMEML5
64h
54
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com