Electronic Components Datasheet Search
  English  ▼

X  

MSP430F6779IPZ Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6779IPZ
Description  POLYPHASE METERING SoCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F6779IPZ Datasheet(HTML) 87 Page - Texas Instruments

Back Button MSP430F6779IPZ Datasheet HTML 83Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 84Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 85Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 86Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 87Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 88Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 89Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 90Page - Texas Instruments MSP430F6779IPZ Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 157 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
MSP430F677x
MSP430F676x
MSP430F674x
www.ti.com
SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013
10-Bit ADC Power Supply and Input Range Conditions
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
AVCC and DVCC are connected together,
AVCC
Analog supply voltage
AVSS and DVSS are connected together,
1.8
3.6
V
V(AVSS) = V(DVSS) = 0 V
V(Ax)
Analog input voltage range(1)
All ADC10_A pins
0
AVCC
V
Operating supply current into
fADC10CLK = 5 MHz, ADC10ON = 1, REFON = 0,
2.2 V
68
100
AVCC terminal, REF module
SHT0 = 0, SHT1 = 0, ADC10DIV = 0,
µA
3 V
78
110
and reference buffer off
ADC10SREF = 00
Operating supply current into
fADC10CLK = 5 MHz, ADC10ON = 1, REFON = 1,
AVCC terminal, REF module
SHT0 = 0, SHT1 = 0, ADC10DIV = 0,
3 V
124
180
µA
on, reference buffer on
ADC10SREF = 01
IADC10_A
Operating supply current into
fADC10CLK = 5 MHz, ADC10ON = 1, REFON = 0,
AVCC terminal, REF module
SHT0 = 0, SHT1 = 0, ADC10DIV = 0,
3 V
105
160
µA
off, reference buffer on
ADC10SREF = 10, VEREF = 2.5 V
Operating supply current into
fADC10CLK = 5 MHz, ADC10ON = 1, REFON = 0,
AVCC terminal, REF module
SHT0 = 0, SHT1 = 0, ADC10DIV = 0,
3 V
72
110
µA
off, reference buffer off
ADC10SREF = 11, VEREF = 2.5 V
Only one terminal Ax can be selected at one time
CI
Input capacitance
from the pad to the ADC10_A capacitor array
2.2 V
3.5
pF
including wiring and pad.
AVCC > 2.0V, 0 V ≤ VAx ≤ AVCC
36
RI
Input MUX ON resistance
k
Ω
1.8V < AVCC < 2.0V, 0 V ≤ VAx ≤ AVCC
96
(1)
The analog input voltage range must be within the selected reference voltage range VR+ to VR– for valid conversion results. The external
reference voltage requires decoupling capacitors. Two decoupling capacitors, 10 µF and 100 nF, should be connected to VREF to
decouple the dynamic current required for an external reference source if it is used for the ADC10_A. Also see the MSP430x5xx and
MSP430x6xx Family User's Guide (SLAU208).
10-Bit ADC Timing Parameters
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
For specified performance of ADC10_A linearity
fADC10CLK
2.2 V, 3 V
0.45
5
5.5
MHz
parameters
Internal ADC10_A
fADC10OSC
ADC10DIV = 0, fADC10CLK = fADC10OSC
2.2 V, 3 V
4.4
4.9
5.6
MHz
oscillator(1)
REFON = 0, Internal oscillator,
12 ADC10CLK cycles, 10-bit mode,
2.2 V, 3 V
2.4
3.0
fADC10OSC = 4 MHz to 5 MHz
tCONVERT
Conversion time
µs
External fADC10CLK from ACLK, MCLK or SMCLK,
See
ADC10SSEL
≠ 0
(2)
Turn on settling time of
tADC10ON
See (3)
100
ns
the ADC
RS = 1000 Ω, RI = 96 kΩ, CI = 3.5 pF
(4)
1.8 V
3
µs
tSample
Sampling time
RS = 1000 Ω, RI = 36 kΩ, CI = 3.5 pF
(4)
3 V
1
µs
(1)
The ADC10OSC is sourced directly from MODOSC inside the UCS.
(2)
12 × ADC10DIV × 1/fADC10CLK
(3)
The condition is that the error in a conversion started after tADC10ON is less than ±0.5 LSB. The reference and input signal are already
settled.
(4)
Approximately eight Tau (
τ) are needed to get an error of less than ±0.5 LSB
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com