Electronic Components Datasheet Search
  English  ▼

X  

AD9961 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9961
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9961 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9961 Datasheet HTML 33Page - Analog Devices AD9961 Datasheet HTML 34Page - Analog Devices AD9961 Datasheet HTML 35Page - Analog Devices AD9961 Datasheet HTML 36Page - Analog Devices AD9961 Datasheet HTML 37Page - Analog Devices AD9961 Datasheet HTML 38Page - Analog Devices AD9961 Datasheet HTML 39Page - Analog Devices AD9961 Datasheet HTML 40Page - Analog Devices AD9961 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 37 of 60
–80
–70
–60
–50
–40
–30
–20
–10
0
NORMALIZED FREQUENCY (Relative to fDAC)
Figure 46. Pass-Band Response of the Rx Path Decimation Filter
The filter coefficients of the 2× decimation low-pass are shown
in Table 16.
Table 16.
Lower Coefficient
Upper Coefficient
Value
H(1)
H(43)
12
H(3)
H(41)
−32
H(5)
H(39)
72
H(7)
H(37)
−140
H(9)
H(35)
252
H(11)
H(33)
−422
H(13)
H(31)
682
H(15)
H(29)
−1086
H(17)
H(27)
1778
H(19)
H(25)
−3284
H(21)
H(23)
10364
H(22)
16384
ADC Digital Offset Adjustment
The Rx paths also have individual digital offsets that can be
applied to the data captured by the ADCs. The offset is a 6-bit
digital value that is added directly to the LSBs of the ADC
output data. The offset values are configured by first addressing
the ADC by setting the appropriate address in Register 0x05,
then writing the desired offset (in LSBs) into Register 0x10. For
example, to set offsets of +6 and −2 to the I and Q channels
respectively, the register write sequence is:
1. Write 0x01 into Register 0x05. This addresses the I channel
ADC.
2. Write 0x06 into Register 0x10. This sets the IADC_Offset
value to +6 LSBs.
3. Write 0x02 into Register 0x05. This addresses the Q
channel ADC.
4. Write 0xFE into Register 0x10. This sets the QADC_Offset
value to −2 LSBs.
5. Write 0x01 into Register 0xFF. This updates the data path
registers and applies the offset to the data.
6. Write 0x00 into Register 0x05. This returns the SPI to the
normal addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com