Electronic Components Datasheet Search
  English  ▼

X  

AD9961 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9961
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9961 Datasheet(HTML) 1 Page - Analog Devices

  AD9961 Datasheet HTML 1Page - Analog Devices AD9961 Datasheet HTML 2Page - Analog Devices AD9961 Datasheet HTML 3Page - Analog Devices AD9961 Datasheet HTML 4Page - Analog Devices AD9961 Datasheet HTML 5Page - Analog Devices AD9961 Datasheet HTML 6Page - Analog Devices AD9961 Datasheet HTML 7Page - Analog Devices AD9961 Datasheet HTML 8Page - Analog Devices AD9961 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
10-/12-Bit,
Low Power, Broadband MxFE
Data Sheet
AD9961/AD9963
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Dual 10-bit/12-bit, 100 MSPS ADC
SNR = 67 dB, fIN = 30.1 MHz
Dual 10-bit/12-bit, 170 MSPS DAC
ACLR = 74 dBc
5 channels of analog auxiliary input/output
Low power, <425 mW at maximum sample rates
Supports full and half-duplex data interfaces
Small 72-lead LFCSP lead-free package
APPLICATIONS
Wireless infrastructure
Picocell, femtocell basestations
Medical instrumentation
Ultrasound AFE
Portable instrumentation
Signal generators, signal analyzers
GENERAL DESCRIPTION
The AD9961/AD9963 are pin-compatible, 10-/12-bit, low
power MxFE® converters that provide two ADC channels with
sample rates of 100 MSPS and two DAC channels with sample
rates to 170 MSPS. These converters are optimized for transmit
and receive signal paths of communication systems requiring low
power and low cost. The digital interfaces provide flexible
clocking options. The transmit is configurable for 1×, 2×, 4×,
and 8× interpolation. The receive path has a bypassable 2×
decimating low-pass filter.
The AD9961 and AD9963 have five auxiliary analog channels.
Three are inputs to a 12-bit ADC. Two of these inputs can be
configured as outputs by enabling 10-bit DACs. The other
two channels are dedicated outputs from two independent
12-bit DACs.
The high level of integrated functionality, small size, and low
power dissipation of the AD9961/AD9963 make them well-
suited for portable and low power applications.
FUNCTIONAL BLOCK DIAGRAM
DLLFILT
DLL AND
CLOCK
DISTRIBUTION
AD9961/AD9963
CLKP
CLKN
TXCLK
TXIQ/TXnRX
TXD[11:0]
TRXCLK
TRXIQ
TRXD[11:0]
RESET
SDIO
SCLK
CS
LPF
LPF
LPF
LPF
MUX
TEMPERATURE
SENSOR
INTERNAL
SERIAL
PORT
LOGIC
REFERENCES
AND BIAS
LDO
VREGs
DATA
ASSEMBLER
AUX
ADC
AUX
DAC
AUX
DAC
AUX
DAC
TXIP
TXIN
AUXIN1
AUXIO2
AUXIO3
12-BIT
DAC
TXQP
TXQN
12-BIT
DAC
RXIP
RXIN
12-BIT
ADC
RXQP
RXQN
DAC12A
AUX
DAC
DAC12B
1/2
1/2
1/2/4/8
1/2/4/8
12-BIT
ADC
Figure 1.
PRODUCT HIGHLIGHTS
1.
High Performance with Low Power Consumption.
The DACs operate on a single 1.8 V to 3.3 V supply.
Transmit path power consumption is <100 mW at
170 MSPS. Receive path power consumption is <350 mW
at 100 MSPS from 1.8 V supply. Sleep and power-down
modes are provided for low power idle periods.
2.
High Integration.
The dual transmit and dual receive data converters, five
channels of auxiliary data conversion and clock generation
offer complete solutions for many modem designs.
3.
Flexible Digital Interface.
The interface mates seamlessly to most digital baseband
processors.


Similar Part No. - AD9961

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9961 AD-AD9961 Datasheet
1,000Kb / 60P
10-/12-Bit, Low Power, Broadband MxFE
REV. 0
AD9961-EBZ AD-AD9961-EBZ Datasheet
1,000Kb / 60P
10-/12-Bit, Low Power, Broadband MxFE
REV. 0
AD9961BCPZ AD-AD9961BCPZ Datasheet
1,000Kb / 60P
10-/12-Bit, Low Power, Broadband MxFE
REV. 0
AD9961BCPZRL AD-AD9961BCPZRL Datasheet
1,000Kb / 60P
10-/12-Bit, Low Power, Broadband MxFE
REV. 0
More results

Similar Description - AD9961

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9961 AD-AD9961 Datasheet
1,000Kb / 60P
10-/12-Bit, Low Power, Broadband MxFE
REV. 0
logo
Maxim Integrated Produc...
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
logo
Analog Devices
AD9862BSTZ AD-AD9862BSTZ Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
logo
Maxim Integrated Produc...
MAX1215N MAXIM-MAX1215N Datasheet
395Kb / 21P
1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1213N MAXIM-MAX1213N Datasheet
790Kb / 21P
1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
logo
Linear Technology
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com