Electronic Components Datasheet Search
  English  ▼

X  

AD9961 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9961
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9961 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9961 Datasheet HTML 12Page - Analog Devices AD9961 Datasheet HTML 13Page - Analog Devices AD9961 Datasheet HTML 14Page - Analog Devices AD9961 Datasheet HTML 15Page - Analog Devices AD9961 Datasheet HTML 16Page - Analog Devices AD9961 Datasheet HTML 17Page - Analog Devices AD9961 Datasheet HTML 18Page - Analog Devices AD9961 Datasheet HTML 19Page - Analog Devices AD9961 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 16 of 60
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
0
512
1024
1536
2048
2560
3072
3584
4096
CODE
INL
DNL
Figure 22. Rx Path ADC, INL and DNL
135
137
139
141
143
145
147
149
151
153
155
0
10
20
30
40
50
60
70
fOUT (MHz)
IDAC, 125MHz, 4mA, 0dB
QDAC, 125MHz, 1mA, 0dB
IDAC, 125MHz, 2mA, 0dB
Figure 23. Transmit DAC Noise Spectral Density vs. fOUT
Over Full-Scale Current
135
137
139
141
143
145
147
149
151
153
155
0
10
20
30
40
50
60
fOUT (MHz)
IDAC, 125MHz, 2mA, –6dB
IDAC, 125MHz, 2mA, 0dB
IDAC, 125MHz, 2mA, –3dB
Figure 24. Transmit DAC Noise Spectral Density vs. fOUT Over Digital Scale
40
50
60
70
80
90
100
0
10
20
30
40
50
60
fOUT (MHz)
IDAC 35MHz
IDAC 125MHz
IDAC 70MHz
Figure 25. Intermodulation Distortion vs. fOUT Over fDAC,TXVDD = 3.3 V,
Full-Scale Current = 2 mA
0
10
20
30
40
50
60
40
50
60
70
80
90
100
fOUT (MHz)
QDAC, BOARD 3
QDAC, BOARD 1
QDAC, BOARD 4
Figure 26. Intermodulation Distortion vs. fOUT , TXVDD = 3.3 V, Full-Scale
Current = 2 mA, Board-to-Board Variation
0
10
20
30
40
50
60
40
50
60
70
80
90
100
fOUT (MHz)
QDAC –6dB
QDAC –3dB
QDAC 0dB
Figure 27. Intermodulation Distortion vs. fOUT Over Digital Scale,
TXVDD = 3.3 V, Full-Scale Current = 2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com