Electronic Components Datasheet Search
  English  ▼

X  

AD9961 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9961
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9961 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9961 Datasheet HTML 15Page - Analog Devices AD9961 Datasheet HTML 16Page - Analog Devices AD9961 Datasheet HTML 17Page - Analog Devices AD9961 Datasheet HTML 18Page - Analog Devices AD9961 Datasheet HTML 19Page - Analog Devices AD9961 Datasheet HTML 20Page - Analog Devices AD9961 Datasheet HTML 21Page - Analog Devices AD9961 Datasheet HTML 22Page - Analog Devices AD9961 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 19 of 60
THEORY OF OPERATION
The AD9961/AD9963 are targeted to cover the mixed-signal
front-end needs of multiple wireless communications systems.
They feature a receive path that consists of dual 10-/12-bit
receive ADCs and a transmit path that consists of dual
10-/12-bit transmit DACs (TxDAC). The AD9961/AD9963
integrate additional functionality typically required in most
systems, such as power scalability, Tx gain control, and clock
multiplication circuitry.
The AD9961/AD9963 minimize both size and power
consumption to address the needs of a range of applications
from the low power portable market to the high performance
femto base station market. The part is provided in a 72-lead
lead frame chip scale package (LFCSP) that has a footprint of
only 10 mm × 10 mm. Power consumption can be optimized to
suit the particular application by incorporating power-down
controls, low power ADC modes, and TxDAC power scaling.
In full duplex mode, the AD9961/AD9963 use two 12-bit buses,
along with qualifying clock signals, to transfer Rx path data and
Tx path data. These two buses support either single data rate or
double data rate data transfers. The data bus, along with many
other device options, is configurable through the serial port by
writing internal registers. The device can also be used in a
single-port, half-duplex configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com