Electronic Components Datasheet Search
  English  ▼

X  

AD9961 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9961
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9961 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9961 Datasheet HTML 13Page - Analog Devices AD9961 Datasheet HTML 14Page - Analog Devices AD9961 Datasheet HTML 15Page - Analog Devices AD9961 Datasheet HTML 16Page - Analog Devices AD9961 Datasheet HTML 17Page - Analog Devices AD9961 Datasheet HTML 18Page - Analog Devices AD9961 Datasheet HTML 19Page - Analog Devices AD9961 Datasheet HTML 20Page - Analog Devices AD9961 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 17 of 60
60
65
70
75
80
85
90
95
100
80
70
60
50
40
30
20
10
0
fIN (dBm)
MIN PIPE SNR (dBFS)
MID PIPE SNR (dBFS)
MAX PIPE SNR (dBFS)
MIN PIPE SFDR (dBFS)
MID PIPE SFDR (dBFS)
MAX PIPE SFDR (dBFS)
Figure 28. SNR/SFDR vs. Analog Input Level Over Full-Scale Input Range,
fIN = 70 MHz, fADC = 100 MSPS
70
72
74
76
78
80
0
204060
80
100
120
140
fIN (MHz)
Figure 29. AD9963 100 MSPS Single Tone AC
60
62
64
66
68
70
0
204060
80
100
120
140
fIN (MHz)
Figure 30. AD9963 1.8 V CMOS IADC, 100 MSPS Single Tone AC
0
204060
80
100
120
140
fIN (MHz)
–80
–75
–70
–65
–60
Figure 31. AD9963 1.8 V CMOS IADC, 100 MSPS Single Tone AC
–80
–78
–76
–74
–72
–70
0
20
40
60
80
100
120
140
fIN (MHz)
Figure 32. AD9963 1.8 V CMOS IADC, 100 MSPS Single Tone AC
–90
–85
–80
–75
–70
–65
0
20
40
60
80
100
120
140
fIN (MHz)
Figure 33. AD9963 1.8 V CMOS IADC, 100 MSPS Single Tone AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com