Electronic Components Datasheet Search
  English  ▼

X  

AD9961 Datasheet(PDF) 57 Page - Analog Devices

Part # AD9961
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9961 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9961 Datasheet HTML 53Page - Analog Devices AD9961 Datasheet HTML 54Page - Analog Devices AD9961 Datasheet HTML 55Page - Analog Devices AD9961 Datasheet HTML 56Page - Analog Devices AD9961 Datasheet HTML 57Page - Analog Devices AD9961 Datasheet HTML 58Page - Analog Devices AD9961 Datasheet HTML 59Page - Analog Devices AD9961 Datasheet HTML 60Page - Analog Devices AD9961 Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
Data Sheet
AD9961/AD9963
Rev. A | Page 57 of 60
fDAC (MHz)
0
20
40
60
80
100
0
25
50
75
100
8x
4x
2x
1x
125
150
175
Figure 102. IDVDD18 vs. fDAC, 1×, 2×, 4×, 8× (Tx only)
0
5
10
15
20
25
30
35
0
10
20
30
40
50
60
70
80
90
100
fDATA (MHz)
3.3V
2.5V
1.8V
Figure 103. IDRVDD vs. fDATA, (Tx Enable and Disabled)
Power Calculation Example
The following example shows how to estimate the device power
consumption under a typical operating condition.
Operating conditions:
fCLK = 60 MHz
fDLL = 120 MHz
fDAC = 120 MHz
fADC = 60 MHz
4× interpolation
2× decimation
DAC full-scale current = 2 mA
TXVDD = CLK33V = AUX33V = 3.3 V
Auxiliary ADC enabled
All other supplies powered from external 1.8 V supplies.
Table 30. Example Power Supply Currents
Supply
Typical Current (mA)
Typical Power (mW)
RX18V
74
133
RX18VF
30
54
TXVDD
16
53
CLKVDD18V
5.2
9.5
DLL18V
7.5
13.5
DVDD18V (Rx)
9
16.2
DVDD18V (Tx)
35
63
DRVDD
5
9
AUX33V
0.5
1.7
Total (1.8 V)
169
298
Total (3.3 V)
16
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com