Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Processors
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 74 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 70Page - Texas Instruments AM3894 Datasheet HTML 71Page - Texas Instruments AM3894 Datasheet HTML 72Page - Texas Instruments AM3894 Datasheet HTML 73Page - Texas Instruments AM3894 Datasheet HTML 74Page - Texas Instruments AM3894 Datasheet HTML 75Page - Texas Instruments AM3894 Datasheet HTML 76Page - Texas Instruments AM3894 Datasheet HTML 77Page - Texas Instruments AM3894 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 308 page
background image
AM3894
AM3892
SPRS681E – OCTOBER 2010 – REVISED JULY 2012
www.ti.com
3.2.12 Reset, Interrupts, and JTAG Interface Signals
Table 3-15. RESET, Interrupts, and JTAG Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
RESET
PULL: IPD / IPU
-
RESET
G33
I
DRIVE: Z / Z
Device Reset input
PINCTRL316
DVDD_3P3
IPU
POR
F37
I
-
Power-On Reset input
DVDD_3P3
Reset output
PULL: DIS / DIS
-
RSTOUT
G37
O
For more detailed information on RSTOUT pin
DVDD_3P3
PINCTRL318
behavior, see Section 7.2.13
INTERRUPTS
PULL: IPD / IPU
-
NMI
G36
I
DRIVE: Z / Z
External active low maskable interrupt
PINCTRL317
DVDD_3P3
Interrupt-capable general-purpose I/Os
NOTE: All pins are multiplexed with other pin
see
GP0[31:3]
I/O
see NOTE
-
functions. For muxing and internal
Table 3-5
pullup/pulldown/disable details, see Table 3-5, GPIO
Terminal Functions.
Interrupt-capable general-purpose I/Os
NOTE: All pins are multiplexed with other pin
see
GP1[31:0]
I/O
see NOTE
-
functions. For muxing and internal
Table 3-5
pullup/pulldown/disable details, see Table 3-5, GPIO
Terminal Functions.
JTAG
PULL: IPU / IPU
-
TCLK
J37
I
DRIVE: H / H
JTAG test clock input
PINCTRL305
DVDD_3P3
PULL: IPD / DIS
-
RTCK
J36
O
DRIVE: L / H
JTAG return clock output
PINCTRL306
DVDD_3P3
PULL: IPU / IPU
-
TDI
J34
I
DRIVE: H / H
JTAG test data input
PINCTRL307
DVDD_3P3
PULL: IPD / DIS
-
TDO
N30
O
DRIVE: Z / Z
JTAG test port data output
PINCTRL308
DVDD_3P3
PULL: IPU / IPU
-
JTAG test port mode select input. For proper
TMS
N31
I
DRIVE: Z / Z
PINCTRL309
operation, do not oppose the IPU on this pin.
DVDD_3P3
PULL: IPD / IPD
-
TRST
K36
I
DRIVE: L / L
JTAG test port reset input
PINCTRL310
DVDD_3P3
PULL: IPU / IPU
-
EMU4
M37
I/O
DRIVE: Z / Z
Emulator pin 4
PINCTRL315
DVDD_3P3
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
PULL: A / B, where:
A is the state of the internal pull resistor during POR reset
B is the state of the internal pull resistor after POR and Warm reset are de-asserted and during Warm reset
IPD = Internal Pulldown Enabled, IPU = Internal Pullup Enabled, DIS = Internal Pull Disabled
DRIVE: A / B, where;
A is the driving state of the pin during POR reset
B is the driving state of the pin after POR and Warm reset are de-asserted and during Warm reset
H = Driving High, L = Driving Low, Z = 3-State
For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see
Section 4.2.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal.
74
Device Pins
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com