Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Processors
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 12Page - Texas Instruments AM3894 Datasheet HTML 13Page - Texas Instruments AM3894 Datasheet HTML 14Page - Texas Instruments AM3894 Datasheet HTML 15Page - Texas Instruments AM3894 Datasheet HTML 16Page - Texas Instruments AM3894 Datasheet HTML 17Page - Texas Instruments AM3894 Datasheet HTML 18Page - Texas Instruments AM3894 Datasheet HTML 19Page - Texas Instruments AM3894 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 308 page
background image
AM3894
AM3892
SPRS681E – OCTOBER 2010 – REVISED JULY 2012
www.ti.com
Table 2-17. CM_ALWON Register Summary (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4818 1564
CM_ALWON_I2C_0_CLKCTRL
I2C 0 clock management control
0x4818 1568
CM_ALWON_I2C_1_CLKCTRL
I2C 1 clock management control
0x4818 1570
CM_ALWON_TIMER_1_CLKCTRL
Timer1 clock management control
0x4818 1574
CM_ALWON_TIMER_2_CLKCTRL
Timer2 clock management control
0x4818 1578
CM_ALWON_TIMER_3_CLKCTRL
Timer3 clock management control
0x4818 157C
CM_ALWON_TIMER_4_CLKCTRL
Timer4 clock management control
0x4818 1580
CM_ALWON_TIMER_5_CLKCTRL
Timer5 clock management control
0x4818 1584
CM_ALWON_TIMER_6_CLKCTRL
Timer6 clock management control
0x4818 1588
CM_ALWON_TIMER_7_CLKCTRL
Timer7 clock management control
0x4818 158C
CM_ALWON_WDTIMER_CLKCTRL
WDTIMER clock management control
0x4818 1590
CM_ALWON_SPI_CLKCTRL
SPI clock management control
0x4818 1594
CM_ALWON_MAILBOX_CLKCTRL
MAILBOX clock management control
0x4818 1598
CM_ALWON_SPINBOX_CLKCTRL
SPINBOX clock management control
0x4818 15B0
CM_ALWON_SDIO_CLKCTRL
SDIO clock management control
0x4818 15B4
CM_ALWON_OCMC_0_CLKCTRL
OCMC 0 clock management control
0x4818 15B8
CM_ALWON_OCMC_1_CLKCTRL
OCMC 1 clock management control
0x4818 15C4
CM_ALWON_CONTROL_CLKCTRL
Control clock management control
0x4818 15D0
CM_ALWON_GPMC_CLKCTRL
GPMC clock management control
0x4818 15D4
CM_ALWON_ETHERNET_0_CLKCTRL
Ethernet 0 clock management control
0x4818 15D8
CM_ALWON_ETHERNET_1_CLKCTRL
Ethernet 1 clock management control
0x4818 15DC
CM_ALWON_MPU_CLKCTRL
Processor clock management control
0x4818 15E0
CM_ALWON_DEBUGSS_CLKCTRL
Debug clock management control
0x4818 15E4
CM_ALWON_L3_CLKCTRL
L3 clock management control
0x4818 15E8
CM_ALWON_L4HS_CLKCTRL
L4 high-speed clock management control
0x4818 15EC
CM_ALWON_L4LS_CLKCTRL
L4 standard-speed clock management control
0x4818 15F0
CM_ALWON_RTC_CLKCTRL
RTC clock management control
0x4818 15F4
CM_ALWON_TPCC_CLKCTRL
TPCC clock management control
0x4818 15F8
CM_ALWON_TPTC0_CLKCTRL
TPTC0 clock management control
0x4818 15FC
CM_ALWON_TPTC1_CLKCTRL
TPTC1 clock management control
0x4818 1600
CM_ALWON_TPTC2_CLKCTRL
TPTC2 clock management control
0x4818 1604
CM_ALWON_TPTC3_CLKCTRL
TPTC3 clock management control
0x4818 1608
CM_ALWON_SR_0_CLKCTRL
SmartReflex 0 clock management control
0x4818 160C
CM_ALWON_SR_1_CLKCTRL
SmartReflex 1 clock management control
0x4818 1628
CM_ALWON_CUST_EFUSE_CLKCTRL
Customer e-Fuse clock management control
Table 2-18. PRM_ALWON Register Summary
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4818 1810
RM_ALWON_RSTCTRL
ALWAYS ON domain resets control
0x4818 1814
RM_ALWON_RSTST
ALWAYS ON reset sources
16
Device Overview
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com