Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Processors
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 17Page - Texas Instruments AM3894 Datasheet HTML 18Page - Texas Instruments AM3894 Datasheet HTML 19Page - Texas Instruments AM3894 Datasheet HTML 20Page - Texas Instruments AM3894 Datasheet HTML 21Page - Texas Instruments AM3894 Datasheet HTML 22Page - Texas Instruments AM3894 Datasheet HTML 23Page - Texas Instruments AM3894 Datasheet HTML 24Page - Texas Instruments AM3894 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 308 page
background image
AM3894
AM3892
www.ti.com
SPRS681E – OCTOBER 2010 – REVISED JULY 2012
2.8.2
L4 Memory Map
2.8.2.1
L4 Standard Peripheral
The L4 standard peripheral bus accesses standard peripherals and IP configuration registers. The
memory map is shown in Table 2-20.
Table 2-20. L4 Standard Peripheral Memory Map
START ADDRESS
DEVICE NAME
END ADDRESS (HEX)
SIZE
DESCRIPTION
(HEX)
L4 Standard
0x4800 0000
0x4800 07FF
2KB
Address/Protection (AP)
Configuration
0x4800 0800
0x4800 0FFF
2KB
Link Agent (LA)
0x4800 1000
0x4800 13FF
1KB
Initiator Port (IP0)
0x4800 1400
0x4800 17FF
1KB
Initiator Port (IP1)
0x4800 1800
0x4800 1FFF
2KB
Reserved (IP2 – IP3)
Reserved
0x4800 2000
0x4800 7FFF
24KB
Reserved
e-Fuse Controller
0x4800 8000
0x4800 8FFF
4KB
Peripheral Registers
0x4800 9000
0x4800 9FFF
4KB
Support Registers
Reserved
0x4800 A000
0x4800 FFFF
24KB
Reserved
Reserved
0x4801 2000
0x4801 FFFF
56KB
Reserved
UART0
0x4802 0000
0x4802 0FFF
4KB
Peripheral Registers
0x4802 1000
0x4802 1FFF
4KB
Support Registers
UART1
0x4802 2000
0x4802 2FFF
4KB
Peripheral Registers
0x4802 3000
0x4802 3FFF
4KB
Support Registers
UART2
0x4802 4000
0x4802 4FFF
4KB
Peripheral Registers
0x4802 5000
0x4802 5FFF
4KB
Support Registers
Reserved
0x4802 6000
0x4802 7FFF
8KB
Reserved
I2C0
0x4802 8000
0x4802 8FFF
4KB
Peripheral Registers
0x4802 9000
0x4802 9FFF
4KB
Support Registers
I2C1
0x4802 A000
0x4802 AFFF
4KB
Peripheral Registers
0x4802 B000
0x4802 BFFF
4KB
Support Registers
Reserved
0x4802 C000
0x4802 DFFF
8KB
Reserved
TIMER1
0x4802 E000
0x4802 EFFF
4KB
Peripheral Registers
0x4802 F000
0x4802 FFFF
4KB
Support Registers
SPIOCP
0x4803 0000
0x4803 0FFF
4KB
Peripheral Registers
0x4803 1000
0x4803 1FFF
4KB
Support Registers
GPIO0
0x4803 2000
0x4803 2FFF
4KB
Peripheral Registers
0x4803 3000
0x4803 3FFF
4KB
Support Registers
Reserved
0x4803 4000
0x4803 7FFF
16KB
Reserved
McASP0 CFG
0x4803 8000
0x4803 9FFF
8KB
Peripheral Registers
0x4803 A000
0x4803 AFFF
4KB
Support Registers
Reserved
0x4803 B000
0x4803 BFFF
4KB
Reserved
McASP1 CFG
0x4803 C000
0x4803 DFFF
8KB
Peripheral Registers
0x4803 E000
0x4803 EFFF
4KB
Support Registers
Reserved
0x4803 F000
0x4803 FFFF
4KB
Reserved
TIMER2
0x4804 0000
0x4804 0FFF
4KB
Peripheral Registers
0x4804 1000
0x4804 1FFF
4KB
Support Registers
TIMER3
0x4804 2000
0x4804 2FFF
4KB
Peripheral Registers
0x4804 3000
0x4804 3FFF
4KB
Support Registers
TIMER4
0x4804 4000
0x4804 4FFF
4KB
Peripheral Registers
0x4804 5000
0x4804 5FFF
4KB
Support Registers
Copyright © 2010–2012, Texas Instruments Incorporated
Device Overview
21
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com