Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Processors
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 15Page - Texas Instruments AM3894 Datasheet HTML 16Page - Texas Instruments AM3894 Datasheet HTML 17Page - Texas Instruments AM3894 Datasheet HTML 18Page - Texas Instruments AM3894 Datasheet HTML 19Page - Texas Instruments AM3894 Datasheet HTML 20Page - Texas Instruments AM3894 Datasheet HTML 21Page - Texas Instruments AM3894 Datasheet HTML 22Page - Texas Instruments AM3894 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 308 page
background image
AM3894
AM3892
www.ti.com
SPRS681E – OCTOBER 2010 – REVISED JULY 2012
Table 2-19. L3 Memory Map (continued)
START ADDRESS
END ADDRESS
QUAD
BLOCK NAME
SIZE
DESCRIPTION
(HEX)
(HEX)
Q1
McASP0
0x4600 0000
0x463F FFFF
4MB
McASP0
Q1
McASP1
0x4640 0000
0x467F FFFF
4MB
McASP1
Q1
McASP2
0x4680 0000
0x46BF FFFF
4MB
McASP2
Q1
HDMI 1.3 Tx
0x46C0 0000
0x46FF FFFF
4MB
HDMI 1.3 Tx
Q1
McBSP
0x4700 0000
0x473F FFFF
4MB
McBSP
Q1
USB2.0
0x4740 0000
0x477F FFFF
4MB
USB2.0 Registers / CPPI
Q1
Reserved
0x4780 0000
0x47BF FFFF
4MB
Reserved
Q1
Reserved
0x47C0 0000
0x47FF FFFF
4MB
Reserved
Q1
L4 Standard domain
0x4800 0000
0x48FF FFFF
16MB
Standard Peripheral domain (see Table 2-
20)
Q1
EDMA TPCC
0x4900 0000
0x490F FFFF
1MB
EDMA TPCC Registers
Q1
Reserved
0x4910 0000
0x497F FFFF
7MB
Reserved
Q1
EDMA TPTC0
0x4980 0000
0x498F FFFF
1MB
EDMA TPTC0 Registers
Q1
EDMA TPTC1
0x4990 0000
0x499F FFFF
1MB
EDMA TPTC1 Registers
Q1
EDMA TPTC2
0x49A0 0000
0x49AF FFFF
1MB
EDMA TPTC2 Registers
Q1
EDMA TPTC3
0x49B0 0000
0x49BF FFFF
1MB
EDMA TPTC3 Registers
Q1
Reserved
0x49C0 0000
0x49FF FFFF
4MB
Reserved
Q1
L4 High-Speed
0x4A00 0000
0x4AFF FFFF
16MB
High-Speed Peripheral domain (see Table 2-
Domain
21)
Q1
Instrumentation
0x4B00 0000
0x4BFF FFFF
16MB
EMU Subsystem region
Q1
DDR EMIF0
0x4C00 0000
0x4CFF FFFF
16MB
Configuration registers
registers(2)
Q1
DDR EMIF1
0x4D00 0000
0x4DFF FFFF
16MB
Configuration registers
registers(2)
Q1
DDR DMM
0x4E00 0000
0x4FFF FFFF
32MB
Configuration registers
Registers(2)
Q1
GPMC Registers
0x5000 0000
0x50FF FFFF
16MB
Configuration registers
Q1
PCIe Gen2 Registers
0x5100 0000
0x51FF FFFF
16MB
Configuration registers
Q1
Reserved
0x5200 0000
0x54FF FFFF
48MB
Reserved
Q1
Reserved
0x5500 0000
0x55FF FFFF
16MB
Reserved
Q1
SGX530
0x5600 0000
0x56FF FFFF
16MB
SGX530 Slave Port
AM3894 only)
Q1
Reserved
0x5600 0000
0x56FF FFFF
16MB
Reserved
(AM3892 only)
Q1
Reserved
0x5700 0000
0x57FF FFFF
16MB
Reserved
Q1
Reserved
0x5800 0000
0x5BFF FFFF
64MB
Reserved
Q1
Reserved
0x5C00 0000
0x5DFF FFFF
32MB
Reserved
Q1
Reserved
0x5E00 0000
0x5FFF FFFF
32MB
Reserved
Q1
Tiler
0x6000 0000
0x7FFF FFFF
512MB
Virtual Tiled Address Space
Copyright © 2010–2012, Texas Instruments Incorporated
Device Overview
19
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com