Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Processors
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 1 Page - Texas Instruments

  AM3894 Datasheet HTML 1Page - Texas Instruments AM3894 Datasheet HTML 2Page - Texas Instruments AM3894 Datasheet HTML 3Page - Texas Instruments AM3894 Datasheet HTML 4Page - Texas Instruments AM3894 Datasheet HTML 5Page - Texas Instruments AM3894 Datasheet HTML 6Page - Texas Instruments AM3894 Datasheet HTML 7Page - Texas Instruments AM3894 Datasheet HTML 8Page - Texas Instruments AM3894 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 308 page
background image
AM3894
AM3892
www.ti.com
SPRS681E – OCTOBER 2010 – REVISED JULY 2012
AM389x Sitara™
ARM® Processors
Check for Samples: AM3894, AM3892
1
Device Summary
1.1
Features
1234567891011
– Simultaneous SD and HD Analog Output
• High-Performance Sitara™ ARM® Processors
– Digital HDMI 1.3 transmitter with PHY with
– ARM® Cortex™-A8 RISC Processor
HDCP up to 165-MHz pixel clock
•
Up to 1.35 GHz
– Advanced Video Processing Features Such
• ARM® Cortex™-A8 Core
as Scan/Format/Rate Conversion
– ARMv7 Architecture
– Three Graphics Layers and Compositors
•
In-Order, Dual-Issue, Superscalar
• Dual 32-bit DDR2/3 SDRAM Interfaces
Processor Core
– Supports up to DDR2-800 and DDR3-1600
•
NEON™ Multimedia Architecture
– Up to Eight x8 Devices Total
– Supports Integer and Floating Point (VFPv3-
– 2 GB Total Address Space
IEEE754 compliant)
– Dynamic Memory Manager (DMM)
•
Jazelle® RCT Execution Environment
•
Programmable Multi-Zone Memory
• ARM® Cortex™-A8 Memory Architecture
Mapping and Interleaving
– 32K-Byte Instruction and Data Caches
•
Enables Efficient 2D Block Accesses
– 256K-Byte L2 Cache
•
Supports Tiled Objects in 0°, 90°, 180°, or
– 64K-Byte RAM, 48K-Byte Boot ROM
270 Orientation and Mirroring
• 512K-Bytes On-Chip Memory Controller
•
Optimizes Interlaced Accesses
(OCMC) RAM
• One PCI Express® (PCIe®) 2.0 Port With
• SGX530 3D Graphics Engine (available only on
Integrated PHY
the AM3894 device)
– Single Port With 1 or 2 Lanes at 5.0 GT/s
– Delivers up to 30 MTriangles/s
– Configurable as Root Complex or Endpoint
– Universal Scalable Shader Engine
• Serial ATA (SATA) 3.0 Gbps Controller With
– Direct3D® Mobile, OpenGL® ES 1.1 and 2.0,
Integrated PHYs
OpenVG™ 1.1, OpenMax™ API Support
– Direct Interface for Two Hard Disk Drives
– Advanced Geometry DMA Driven Operation
– Hardware-Assisted Native Command
– Programmable HQ Image Anti-Aliasing
Queuing (NCQ) from up to 32 Entries
• Endianness
– Supports Port Multiplier and Command-
– ARM Instructions/Data – Little Endian
Based Switching
• HD Video Processing Subsystem (HDVPSS)
• Two 10/100/1000 Mbps Ethernet MACs (EMAC)
– Two 165 MHz HD Video Capture Channels
– IEEE 802.3 Compliant (3.3V I/O Only)
•
One 16/24-bit and One 16-bit Channel
– MII and GMII Media Independent I/Fs
•
Each Channel Splittable Into Dual 8-bit
– Management Data I/O (MDIO) Module
Capture Channels
• Dual USB 2.0 Ports With Integrated PHYs
– Two 165 MHz HD Video Display Channels
– USB 2.0 High-/Full-Speed Client
•
One 16/24/30-Bit and One 16-bit Channel
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Sitara, SmartReflex, Code Composer Studio, DSP/BIOS, XDS are trademarks of Texas Instruments.
3
Cortex, NEON are trademarks of ARM Ltd or its subsidiaries.
4
ARM, Jazelle, Thumb are registered trademarks of ARM Ltd or its subsidiaries.
5
USSE, POWERVR are trademarks of Imagination Technologies Limited.
6
OpenVG, OpenMax are trademarks of Khronos Group Inc.
7
Direct3D, Microsoft, Windows are registered trademarks of Microsoft Corporation in the United States and/or other countries.
8
I2C BUS is a registered trademark of NXP B.V. Corporation Netherlands.
9
PCI Express, PCIe are registered trademarks of PCI-SIG.
10
OpenGL is a registered trademark of Silicon Graphics International Corp. or its subsidiaries in the United States and/or other
countries.
11
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2010–2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - AM3894

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3894 TI-AM3894 Datasheet
1Mb / 299P
AM389x Sitara ARM Microprocessors (MPUs)
AM3894CCYG120 TI1-AM3894CCYG120 Datasheet
2Mb / 313P
Sitara ARM Microprocessors
AM3894CCYG135 TI1-AM3894CCYG135 Datasheet
2Mb / 313P
Sitara ARM Microprocessors
AM3894CCYGA120 TI1-AM3894CCYGA120 Datasheet
2Mb / 313P
Sitara ARM Microprocessors
AM3894 TI1-AM3894_15 Datasheet
2Mb / 313P
Sitara ARM Microprocessors
More results

Similar Description - AM3894

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3892 TI-AM3892 Datasheet
1Mb / 299P
AM389x Sitara ARM Microprocessors (MPUs)
AM3892BCYG120 TI1-AM3892BCYG120 Datasheet
2Mb / 308P
AM389x Sitara??ARM짰 Processors
AM3874 TI-AM3874_15 Datasheet
1Mb / 361P
AM387x Sitara??ARM Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
Sitara Processors
AM3874 TI1-AM3874_16 Datasheet
2Mb / 358P
Sitara ARM Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
Sitara Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com