Electronic Components Datasheet Search
  English  ▼

X  

TPS65137ADSCR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65137ADSCR
Description  200mA Dual Output AMOLED Display Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65137ADSCR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65137ADSCR Datasheet HTML 2Page - Texas Instruments TPS65137ADSCR Datasheet HTML 3Page - Texas Instruments TPS65137ADSCR Datasheet HTML 4Page - Texas Instruments TPS65137ADSCR Datasheet HTML 5Page - Texas Instruments TPS65137ADSCR Datasheet HTML 6Page - Texas Instruments TPS65137ADSCR Datasheet HTML 7Page - Texas Instruments TPS65137ADSCR Datasheet HTML 8Page - Texas Instruments TPS65137ADSCR Datasheet HTML 9Page - Texas Instruments TPS65137ADSCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2
2.5
3
3.5
4
4.5
5
5.5
6
V
- Input Voltage - V
IN
I
= 100 mA
O
60
65
70
75
80
85
90
95
100
V
= 4.63 V,
V
= -4.93 V,
L = 4.7 H TDK VLF4012
POS
NEG
m
I
= 140 mA
O
I
= 50 mA
O
I
= 10 mA
O
0
50
100
150
200
250
300
I
- Output Current - mA
O
40
50
60
70
80
90
100
V
= 2.5 V
IN
V
= 3 V
IN
V
= 3.7 V
IN
V
= 4.2 V
IN
V
= 4.5 V
IN
V
= 4.63 V,
V
= -4.93 V,
L = 4.7 H TDK VLF4012
POS
NEG
m
TPS65137
SLVS929A – MAY 2010 – REVISED OCTOBER 2012
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
FIGURE
Efficiency versus Output current
Figure 1
Efficiency versus Input voltage
Figure 2
Efficiency versus Negative voltage
Figure 3
Negative output voltage programming
Figure 4
Negative output voltage programming
Device enabled (CTRL = 400µs high), programmed to –3.0V
Figure 5
Light load current operation
Figure 6
Nominal load current operation
VIN = 3.7V
Figure 7
Nominal load current operation
VIN = 4.5V
Figure 8
Line transient response
150mA
Figure 9
Line transient response
100mA
Figure 10
Startup
Figure 11
Shutdown
Figure 12
Short circuit
Figure 13
Figure 1. EFFICIENCY
Figure 2. EFFICIENCY
6
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TPS65137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com