Electronic Components Datasheet Search
  English  ▼

X  

TPS65137ADSCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65137ADSCR
Description  200mA Dual Output AMOLED Display Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65137ADSCR Datasheet(HTML) 1 Page - Texas Instruments

  TPS65137ADSCR Datasheet HTML 1Page - Texas Instruments TPS65137ADSCR Datasheet HTML 2Page - Texas Instruments TPS65137ADSCR Datasheet HTML 3Page - Texas Instruments TPS65137ADSCR Datasheet HTML 4Page - Texas Instruments TPS65137ADSCR Datasheet HTML 5Page - Texas Instruments TPS65137ADSCR Datasheet HTML 6Page - Texas Instruments TPS65137ADSCR Datasheet HTML 7Page - Texas Instruments TPS65137ADSCR Datasheet HTML 8Page - Texas Instruments TPS65137ADSCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
C2
2.2 F
m
C5
4.7 F
m
C6
4.7 F
m
L2
4.7 H
m
V
-4.93V/200mA
NEG
V
4.63V/200mA
POS
C4
100nF
Enable and
Digital OUTN
Adjustment
C1
4.7 F
m
V
2.3V to 5.5V
IN
L1
4.7 H
m
TPS65137
www.ti.com
SLVS929A – MAY 2010 – REVISED OCTOBER 2012
200mA Dual Output AMOLED Display Power
Check for Samples: TPS65137
1
FEATURES
DESCRIPTION
The TPS65137 is designed to provide best in class
2.3 V to 5.5 V Input Voltage Range
picture quality for AMOLED displays (Active Matrix
1% Output Voltage Accuracy VPOS
Organic Light Emitting Diode) requiring positive and
Excellent Line Transient Regulation
negative voltage supply rails. With its wide input
voltage
range
the
device
is
ideally
suited
for
Low Noise Operation
AMOLED displays, which are used in mobile phones
200 mA Output Current
and smart phones. With this device the input voltage
Fixed 4.63 V Positive Output Voltage
can be higher than the positive output voltage and
still maintains accurate regulation of VPOS. Using the
Digitally Programmable Negative Output
digital
control
pin
(CTRL)
allows
adjusting
the
Voltage Down to –5.23V
negative
output
voltage
in
digital
steps.
The
–4.93V Default Value for VNEG
TPS65137
uses
a
novel
technology
enabling
Advanced Power Save Mode
excellent line and load regulation with minimum
output voltage ripple by using a LDO post regulator
Short Circuit Protection
for VPOS. This is required avoiding disturbance of the
Thermal Shutdown
AMOLED display due to input voltage transients
TPS65137A High impedance output in
occurring during transmit periods in mobile phones.
shutdown
3×3 mm 10 Pin QFN Package
APPLICATIONS
Active Matrix OLED Power Supply
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65137ADSCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65137ADSCR TI2-TPS65137ADSCR Datasheet
989Kb / 23P
200mA Dual Output AMOLED Display Power
REVISED OCTOBER 2012
TPS65137ADSCR.B TI2-TPS65137ADSCR.B Datasheet
989Kb / 23P
200mA Dual Output AMOLED Display Power
REVISED OCTOBER 2012
More results

Similar Description - TPS65137ADSCR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
STMicroelectronics
STOD02PUR STMICROELECTRONICS-STOD02PUR Datasheet
1Mb / 23P
Dual DC-DC converter for powering AMOLED display
30-Jun-2009
logo
Texas Instruments
TPS65632 TI1-TPS65632_15 Datasheet
1Mb / 28P
TPS65632 Triple-Output AMOLED Display Power Supply
TPS65651 TI1-TPS65651_15 Datasheet
232Kb / 9P
TPS65651 Triple-Output AMOLED Display Power Supply
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
Dual-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
Triple-Output AMOLED Display Power Supply
TPS65137AS TI1-TPS65137AS Datasheet
1,007Kb / 20P
250mA Dual Outputs AMOLED Display Power Supply
TPS65138 TI1-TPS65138_16 Datasheet
1Mb / 22P
Dual output AMOLED Display Power Supply
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
Dual-Output AMOLED Display Power Supply
logo
Richtek Technology Corp...
RT4723P RICHTEK-RT4723P Datasheet
1Mb / 16P
Dual Output AMOLED Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com