Electronic Components Datasheet Search
  English  ▼

X  

TPS65137ADSCR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65137ADSCR
Description  200mA Dual Output AMOLED Display Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65137ADSCR Datasheet(HTML) 2 Page - Texas Instruments

  TPS65137ADSCR Datasheet HTML 1Page - Texas Instruments TPS65137ADSCR Datasheet HTML 2Page - Texas Instruments TPS65137ADSCR Datasheet HTML 3Page - Texas Instruments TPS65137ADSCR Datasheet HTML 4Page - Texas Instruments TPS65137ADSCR Datasheet HTML 5Page - Texas Instruments TPS65137ADSCR Datasheet HTML 6Page - Texas Instruments TPS65137ADSCR Datasheet HTML 7Page - Texas Instruments TPS65137ADSCR Datasheet HTML 8Page - Texas Instruments TPS65137ADSCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS65137
SLVS929A – MAY 2010 – REVISED OCTOBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1) (2)
TA
ORDERING P/N
PACKAGE MARKING
–40°C to 85°C
TPS65137A
PTTI
(1)
For the most current package and ordering information, see the
Package Option Addendum at the end of this document, or visit the
device product folder on ti.com.
(2)
Contact the factory for the availability of the TPS65137 with output
voltage discharge function.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
Input voltage range(2)
VIN
–0.3
7.0
V
CTRL, SWP, OUTP
–0.3
7.0
SWP, OUTP
–0.3
7.0
OUTN
+0.3
–5.5
CB
–0.3
7.0
CT
–0.3
3.6
ESD rating
HBM
2
kV
MM
200
V
CDM
500
V
Continuous total power dissipation
See Thermal
Information Table
Operating junction temperature range
TJ
–40
150
°C
Operating ambient temperature range
TA
–40
85
°C
Storage temperature range
Tstg
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
2
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TPS65137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com