Electronic Components Datasheet Search
  English  ▼

X  

TPS65137ADSCR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65137ADSCR
Description  200mA Dual Output AMOLED Display Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65137ADSCR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65137ADSCR Datasheet HTML 3Page - Texas Instruments TPS65137ADSCR Datasheet HTML 4Page - Texas Instruments TPS65137ADSCR Datasheet HTML 5Page - Texas Instruments TPS65137ADSCR Datasheet HTML 6Page - Texas Instruments TPS65137ADSCR Datasheet HTML 7Page - Texas Instruments TPS65137ADSCR Datasheet HTML 8Page - Texas Instruments TPS65137ADSCR Datasheet HTML 9Page - Texas Instruments TPS65137ADSCR Datasheet HTML 10Page - Texas Instruments TPS65137ADSCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
V
20 mV/div
POS
Vswpos
2 V/div
Vswneg
10 V/div
Positive
Inductor
current
200 mA/div
V
= 3.7 V,
V
= 4.63 V,
V
= -4.93 V,
I = 150 mA
IN
O
POS
NEG
250 ns/div
V
20 mV/div
POS
Vswpos
2 V/div
Vswneg
10 V/div
Positive
Inductor
current
200 mA/div
V
= 4.5 V,
V
= 4.63 V,
V
= -4.93 V
I = 150 mA
IN
O
POS
NEG
250 ns/div
V
2 V/div
POS
V
2 V/div
NEG
V
= 3.6 V,
V
= 4.63 V,
V
= -4.93 V to -3 V,
RLoad = 600
,
C = 47 nF
IN
T
POS
NEG
W
200 s/div
m
V
2 V/div
CTRL
V
= 3.7 V,
V
= 4.63 V,
V
= -4.93 V,
I = 20 mA
IN
O
POS
NEG
250 ns/div
V
20 mV/div
POS
Vswpos
2 V/div
Vswneg
10 V/div
Positive
Inductor
current
200 mA/div
70
75
80
85
90
95
100
-5.5
-5
-4.5
-4
-3.5
-3
-2.5
-2
V
- V
NEG
V
= 3.7 V,
V
= 4.63 V,
I
= 100 mA,
L = 4.7 H TDK VLF4012
IN
POS
O
m
10 ms/div
V
2 V/div
POS
V
2 V/div
NEG
V
= 3.6 V,
V
= 4.63 V,
V
= -4.93 V to -3 V,
I
= 50 mA,
C = 47 nF
IN
O
T
POS
NEG
TPS65137
www.ti.com
SLVS929A – MAY 2010 – REVISED OCTOBER 2012
Figure 3. EFFICIENCY
Figure 4. NEGATIVE OUTPUT VOLTAGE PROGRAMMING
Figure 5. NEGATIVE OUTPUT VOLTAGE PROGRAMMING
Figure 6. LIGHT LOAD CURRENT OPERATION
(Device enabled (CTRL = 400µs high),
programmed to –3.0V)
Figure 7. NOMINAL LOAD CURRENT OPERATION
Figure 8. NOMINAL LOAD CURRENT OPERATION
(VIN = 3.7V)
(VIN = 4.5V)
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS65137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com