Electronic Components Datasheet Search
  English  ▼

X  

TPS65137ADSCR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65137ADSCR
Description  200mA Dual Output AMOLED Display Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65137ADSCR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65137ADSCR Datasheet HTML 9Page - Texas Instruments TPS65137ADSCR Datasheet HTML 10Page - Texas Instruments TPS65137ADSCR Datasheet HTML 11Page - Texas Instruments TPS65137ADSCR Datasheet HTML 12Page - Texas Instruments TPS65137ADSCR Datasheet HTML 13Page - Texas Instruments TPS65137ADSCR Datasheet HTML 14Page - Texas Instruments TPS65137ADSCR Datasheet HTML 15Page - Texas Instruments TPS65137ADSCR Datasheet HTML 16Page - Texas Instruments TPS65137ADSCR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
N
out
swpeak
V
D
I
I
=
+
2
s
L
1
D
´
´ ¦ ´
-
I
(
)
IN
V
D
Iout =
1
D
Isw
2
s
L
æ
ö
´
-
-
ç
÷
´ ¦ ´
è
ø
NEG
IN
NEG
V
D =
V
η + V
´
IN
out
swpeak
V
D
I
I
=
+
2
s
L
1
D
´
´ ¦ ´
-
(
)
IN
V
D
Iout =
1
D
Isw
2
s
L
æ
ö
´
-
-
ç
÷
´ ¦ ´
è
ø
TPS65137
www.ti.com
SLVS929A – MAY 2010 – REVISED OCTOBER 2012
(2)
The maximum output current is given at the highest switching frequency of typically 1.4MHz and minimum switch
current limit of 0.9A. Equation 3 is used to calculate the switch peak current.
(3)
The inductor needs to be rated for this switch peak current to avoid inductor saturation.
The boost converter output capacitor is connected to pin CB and a 4.7µF capacitor is sufficient. A 2.2µF
capacitor is used on the output VPOS, which is the output of the internal low dropout regulator (LDO).
Table 3. Output Capacitor Selection
CAPACITOR
COMPONENT SUPPLIER
SIZE
4.7
μF/10 V
Taiyo Yuden LMK107BJ475
0603
2.2
μF/10 V
Taiyo Yuden LMK107BJ225
0603
NEGATIVE BUCK BOOST CONVERTER DESIGN CONSIDERATION, Vneg
The negative output is generated with a buck boost converter. The component values and output current are
calculated at maximum load current in continuous conduction operation. The typical switching frequency during
this operation mode is 1.4MHz.
The buck boost converter duty cycle is:
(4)
To calculate the duty cycle a good estimation for the efficiency,
η, is 75% or it can be taken out of the typical
curve in Figure 1. In order to calculate the maximum output current of the buck boost converter for a certain input
voltage, the following formula is used:
(5)
The maximum output current is given at the highest switching frequency of typically 1.4MHz and minimum switch
current limit of 1.1A. Equation 6 is used to calculate the switch peak current.
(6)
The inductor needs to be rated for this switch peak current to avoid inductor saturation. Refer to Table 4 for
possible inductors for this application. A 4.7
μF output capacitor is used on the output VNEG. Larger capacitor
values can be used to minimize the output voltage ripple. Refer to Table 3 for output capacitor selection.
INDUCTOR SELECTION
The device is optimized to operate with 4.7uH inductors. Different inductor values will change the converter
efficiency and output voltage ripple. A 2.2uH inductor is also a possible solution. Any other inductor values will
degrade device performance and stability which is not recommended for this device.
Table 4. Inductor Selection
INDUCTOR VALUE
COMPONENT
DIMENSIONS in mm
Isat/DCR
SUPPLIER
4.7
μH
TDK VLF4012
3.7 × 3.5 × 1.2
1.1A/140m
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS65137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com