Electronic Components Datasheet Search
  English  ▼

X  

TDA1562ST Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA1562ST
Description  70 W high efficiency power amplifier with diagnostic facility
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1562ST Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA1562ST Datasheet HTML 1Page - NXP Semiconductors TDA1562ST Datasheet HTML 2Page - NXP Semiconductors TDA1562ST Datasheet HTML 3Page - NXP Semiconductors TDA1562ST Datasheet HTML 4Page - NXP Semiconductors TDA1562ST Datasheet HTML 5Page - NXP Semiconductors TDA1562ST Datasheet HTML 6Page - NXP Semiconductors TDA1562ST Datasheet HTML 7Page - NXP Semiconductors TDA1562ST Datasheet HTML 8Page - NXP Semiconductors TDA1562ST Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2003 Feb 12
3
Philips Semiconductors
Preliminary specification
70 W high efficiency power amplifier
with diagnostic facility
TDA1562Q; TDA1562ST;
TDA1562SD
Note
1. When operating at VP > 16 V, the output power must be limited to 85 W at THD = 10% (or minimum load is 6 Ω).
ORDERING INFORMATION
SVRR
supply voltage ripple rejection
on and mute
55
63
−
dB
CMRR
common mode rejection ratio
on
56
80
−
dB
ISRR
input signal rejection ratio
mute
80
100
−
dB
Vn(o)
noise output voltage
on
−
100
150
µV
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA1562Q
DBS17P
plastic DIL-bent-SIL power package; 17 leads (lead length 12 mm)
SOT243-1
TDA1562Q/S10
DBS17P
plastic DIL-bent-SIL power package; 17 leads (lead length 7.7 mm)
SOT243-3
TDA1562ST
RDBS17P
plastic rectangular-DIL-bent-SIL power package; 17 leads (row
spacing 2.54 mm)
SOT577-2
TDA1562SD
RDBS17P
plastic rectangular-DIL-bent-SIL (reverse bent) power package;
17 leads (row spacing 2.54 mm)
SOT668-2
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com