Electronic Components Datasheet Search
  English  ▼

X  

TDA1562ST Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1562ST
Description  70 W high efficiency power amplifier with diagnostic facility
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1562ST Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1562ST Datasheet HTML 4Page - NXP Semiconductors TDA1562ST Datasheet HTML 5Page - NXP Semiconductors TDA1562ST Datasheet HTML 6Page - NXP Semiconductors TDA1562ST Datasheet HTML 7Page - NXP Semiconductors TDA1562ST Datasheet HTML 8Page - NXP Semiconductors TDA1562ST Datasheet HTML 9Page - NXP Semiconductors TDA1562ST Datasheet HTML 10Page - NXP Semiconductors TDA1562ST Datasheet HTML 11Page - NXP Semiconductors TDA1562ST Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2003 Feb 12
8
Philips Semiconductors
Preliminary specification
70 W high efficiency power amplifier
with diagnostic facility
TDA1562Q; TDA1562ST;
TDA1562SD
Diagnostic output (pin DIAG)
DYNAMIC DISTORTION DETECTOR (DDD)
At the onset of clipping of the output stages, the DDD
becomes active. This information can be used to drive a
sound processor or DC-volume control to attenuate the
input signal and so limit the distortion.
SHORT-CIRCUIT PROTECTION
When a short-circuit occurs at the outputs to ground or to
the supply voltage, the output stages are switched off.
They will be switched on again approximately 20 ms after
removing the short-circuit. During this short-circuit
condition the diagnostic output is continuously LOW.
When a short-circuit occurs across the load, the output
stages are switched off during approximately 20 ms. After
that time is checked during approximately 50
µs whether
the short-circuit is still present. During this short-circuit
condition the diagnostic output is LOW for 20 ms and
HIGH for 50
µs. The power dissipation in any short-circuit
condition is very low.
TEMPERATURE DETECTION
Just before the temperature protection becomes active the
diagnostic output becomes continuously LOW.
LOAD DETECTION
Directly after the circuit is switched from standby to mute
or on, a built-in detection circuit checks whether a load is
present. The results of this check can be detected at the
diagnostic output, by switching the mode select input in the
mute mode.
Since the diagnostic output is an open-collector output,
more devices can be connected.
Fig.4 Diagnostic information.
handbook, full pagewidth
HIGH
MID
LOW
mode select
input
diagnostic
output
output voltage
across load
0
HIGH
LOW
no load
clipping signal
short-circuit to
supply or ground
short-circuit
across load
t
MGL265



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com