Electronic Components Datasheet Search
  English  ▼

X  

TDA1562ST Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA1562ST
Description  70 W high efficiency power amplifier with diagnostic facility
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1562ST Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA1562ST Datasheet HTML 1Page - NXP Semiconductors TDA1562ST Datasheet HTML 2Page - NXP Semiconductors TDA1562ST Datasheet HTML 3Page - NXP Semiconductors TDA1562ST Datasheet HTML 4Page - NXP Semiconductors TDA1562ST Datasheet HTML 5Page - NXP Semiconductors TDA1562ST Datasheet HTML 6Page - NXP Semiconductors TDA1562ST Datasheet HTML 7Page - NXP Semiconductors TDA1562ST Datasheet HTML 8Page - NXP Semiconductors TDA1562ST Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2003 Feb 12
5
Philips Semiconductors
Preliminary specification
70 W high efficiency power amplifier
with diagnostic facility
TDA1562Q; TDA1562ST;
TDA1562SD
PINNING
SYMBOL
PIN
DESCRIPTION
IN+
1
signal input (positive)
IN
−
2
signal input (negative)
C1
−
3
negative terminal of lift electrolytic
capacitor 1
MODE
4
mode select input
C1+
5
positive terminal of lift electrolytic
capacitor 1
PGND1
6
power ground 1
OUT+
7
positive output
DIAG
8
diagnostic output (open-collector)
VP1
9
supply voltage 1
VP2
10
supply voltage 2
OUT
−
11
negative output
PGND2
12
power ground 2
C2+
13
positive terminal of lift electrolytic
capacitor 2
Vref
14
internal reference voltage
C2
−
15
negative terminal of lift electrolytic
capacitor 2
STAT
16
status I/O
SGND
17
signal ground
Fig.2 Pin configuration.
handbook, halfpage
TDA1562Q
TDA1562ST
TDA1562SD
MGL263
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
IN
+
IN
−
C1
−
MODE
C1
+
PGND1
OUT
+
DIAG
VP1
VP2
OUT
−
PGND2
C2
+
Vref
C2
−
STAT
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com