Electronic Components Datasheet Search
  English  ▼

X  

TDA1562ST Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA1562ST
Description  70 W high efficiency power amplifier with diagnostic facility
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1562ST Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA1562ST Datasheet HTML 6Page - NXP Semiconductors TDA1562ST Datasheet HTML 7Page - NXP Semiconductors TDA1562ST Datasheet HTML 8Page - NXP Semiconductors TDA1562ST Datasheet HTML 9Page - NXP Semiconductors TDA1562ST Datasheet HTML 10Page - NXP Semiconductors TDA1562ST Datasheet HTML 11Page - NXP Semiconductors TDA1562ST Datasheet HTML 12Page - NXP Semiconductors TDA1562ST Datasheet HTML 13Page - NXP Semiconductors TDA1562ST Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2003 Feb 12
10
Philips Semiconductors
Preliminary specification
70 W high efficiency power amplifier
with diagnostic facility
TDA1562Q; TDA1562ST;
TDA1562SD
QUALITY SPECIFICATION
Quality in accordance with
“SNW-FQ-611D”, if this type is used as an audio amplifier.
THERMAL CHARACTERISTICS
DC CHARACTERISTICS
VP = 14.4 V; RL =4 Ω; Tamb =25 °C; measurements in accordance with Fig.9; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-c)
thermal resistance from junction to case
1.5
K/W
Rth(j-a)
thermal resistance from junction to ambient
in free air
40
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies VP1 and VP2
VP
supply voltage
8
14.4
18
V
VP(th+)
supply threshold voltage
mute
→ on
7
−
9V
VP(th−)
supply threshold voltage
on
→ mute
7
−
9V
VP(H1)
hysteresis
(Vth+ − Vth−)−
200
−
mV
Iq
quiescent current
on and mute;
RL = open circuit
−
110
150
mA
Istb
standby current
standby
−
350
µA
Amplifier outputs OUT+ and OUT
−
VO
output voltage
on and mute
−
6.5
−
V
V
OO
output offset voltage
on and mute
−−
100
mV
∆V
OO
delta output offset voltage
on
↔ mute
−−
30
mV
Mode select input MODE
VI
input voltage
0
−
VP
V
II
input current
VMODE = 14.4 V
−
15
20
µA
Vth1+
threshold voltage 1+
standby
→ mute
1
−
2.2
V
Vth1−
threshold voltage 1
−
mute
→ standby
0.9
−
2V
VmsH1
hysteresis
(Vth1+ − Vth1−)−
200
−
mV
Vth2+
threshold voltage 2+
mute
→ on
3.3
−
4.2
V
Vth2−
threshold voltage 2
−
on
→ mute
3.3
−
4V
VmsH2
hysteresis
(Vth2+ − Vth2−)−
200
−
mV
Status I/O STAT
PIN STAT AS INPUT
Vst
input voltage
0
−
VP
V
Ist(H)
HIGH-level input current
VSTAT = 14.4 V
−
3.5
4.5
mA
Ist(L)
LOW-level input current
VSTAT =0V
−−350
−400
µA
Vth1+
threshold voltage 1+
fast mute
→ class-B −−
2V
Vth1−
threshold voltage 1
−
class-B
→ fast mute 1
−−
V
VstH1
hysteresis
(Vth1+ − Vth1−)−
200
−
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com