Electronic Components Datasheet Search
  English  ▼

X  

TDA1562ST Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA1562ST
Description  70 W high efficiency power amplifier with diagnostic facility
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1562ST Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA1562ST Datasheet HTML 7Page - NXP Semiconductors TDA1562ST Datasheet HTML 8Page - NXP Semiconductors TDA1562ST Datasheet HTML 9Page - NXP Semiconductors TDA1562ST Datasheet HTML 10Page - NXP Semiconductors TDA1562ST Datasheet HTML 11Page - NXP Semiconductors TDA1562ST Datasheet HTML 12Page - NXP Semiconductors TDA1562ST Datasheet HTML 13Page - NXP Semiconductors TDA1562ST Datasheet HTML 14Page - NXP Semiconductors TDA1562ST Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2003 Feb 12
11
Philips Semiconductors
Preliminary specification
70 W high efficiency power amplifier
with diagnostic facility
TDA1562Q; TDA1562ST;
TDA1562SD
Vth2+
threshold voltage 2+
class-B
→ class-H
−−
4.2
V
Vth2−
threshold voltage 2
−
class-H
→ class-B
3.3
−−
V
VstH2
hysteresis
(Vth2+ − Vth1−)−
200
−
mV
PIN STAT AS OUTPUT
Ist(mute)
mute acknowledge sink current
2.2
−−
mA
Vst(mute)
mute acknowledge output voltage
Ist = 2.2 mA
−−
0.5
V
Ist(clB)
class-B operation output current
15
−−µA
Vst(clB)
class-B operation output voltage
Ist =15 µA
2.0
−
3.0
V
Ist(clH)
class-H operation source current
−140
−−µA
Vst(clH)
class-H operation output voltage
Ist = −140 µAVP − 2.5 −−
V
Tc(th)
threshold case temperature sensor
−
120
−°C
Diagnostic output DIAG
VDIAG
output voltage
active LOW
−−
0.6
V
RL
load resistance for open load detection
100
−−Ω
Tj(th)
threshold junction temperature sensor
−
145
−°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fig.6 Supply voltage transfer characteristic.
handbook, full pagewidth
VPH1
Vth−
Vth+
MGL267
fast mute
on
VP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com