Electronic Components Datasheet Search
  English  ▼

X  

TDA1562ST Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA1562ST
Description  70 W high efficiency power amplifier with diagnostic facility
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1562ST Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1562ST Datasheet HTML 3Page - NXP Semiconductors TDA1562ST Datasheet HTML 4Page - NXP Semiconductors TDA1562ST Datasheet HTML 5Page - NXP Semiconductors TDA1562ST Datasheet HTML 6Page - NXP Semiconductors TDA1562ST Datasheet HTML 7Page - NXP Semiconductors TDA1562ST Datasheet HTML 8Page - NXP Semiconductors TDA1562ST Datasheet HTML 9Page - NXP Semiconductors TDA1562ST Datasheet HTML 10Page - NXP Semiconductors TDA1562ST Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2003 Feb 12
7
Philips Semiconductors
Preliminary specification
70 W high efficiency power amplifier
with diagnostic facility
TDA1562Q; TDA1562ST;
TDA1562SD
Fig.3 Switching characteristics.
handbook, full pagewidth
on
mute
0
supply
voltage
reference
voltage
mode select
input
status I/O
input
HIGH
MID
LOW
HIGH
MID
class-H (Tc < 120 °C)
class-B (Tc > 120 °C)
LOW
status I/O
output
HIGH
MID
LOW
Vref
VRT
0
output voltage
across load
0
zero crossing change
class-B/H operation
zero crossing mute
function
fast mute
function
quick start
mute
supply mute
function
MGL272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com