Electronic Components Datasheet Search
  English  ▼

X  

LPC2364 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC2364
Description  Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2364 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC2364 Datasheet HTML 60Page - NXP Semiconductors LPC2364 Datasheet HTML 61Page - NXP Semiconductors LPC2364 Datasheet HTML 62Page - NXP Semiconductors LPC2364 Datasheet HTML 63Page - NXP Semiconductors LPC2364 Datasheet HTML 64Page - NXP Semiconductors LPC2364 Datasheet HTML 65Page - NXP Semiconductors LPC2364 Datasheet HTML 66Page - NXP Semiconductors LPC2364 Datasheet HTML 67Page - NXP Semiconductors LPC2364 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
LPC2364_65_66_67_68
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7.1 — 16 October 2013
64 of 69
NXP Semiconductors
LPC2364/65/66/67/68
Single-chip 16-bit/32-bit microcontrollers
17. Revision history
Table 20.
Revision history
Document ID
Release date
Data sheet status
Change
notice
Supersedes
LPC2364_65_66_67_68 v.7.1
20131016
Product data sheet
-
LPC2364_65_66_67_68 v.7
Modifications:
• Table 4 “Pin description”, Table note 6: Changed glitch filter spec from 5 ns to 10 ns.
• Table 9 “Dynamic characteristics”: Changed min clock cycle time from 42 to 40.
LPC2364_65_66_67_68 v.7
20111020
Product data sheet
-
LPC2364_65_66_67_68 v.6
Modifications:
• Table 13 “Dynamic characteristics of flash”: Added characteristics for ter and tprog.
• Table 4 “Pin description”: Updated description for USB_UP_LED.
• Table 4 “Pin description”: Added Table note 12 “If the RTC is not used, these pins can
be left floating.” for RTCX1 and RTCX2 pins.
• Table 4 “Pin description”: Added Table note 8 “This pin has a built-in pull-up resistor.”
for DBGEN, TMS, TDI, TRST, and RTCK pins.
• Table 4 “Pin description”: Added Table note 7 “This pin has no built-in pull-up and no
built-in pull-down resistor.” for TCK and TDO pins.
• Table 5 “Limiting values”: Added “non-operating” to conditions column of Tstg.
• Table 5 “Limiting values”: Updated Table note 5 “The maximum non-operating
storage temperature is different than the temperature for required shelf life which
should be determined based on required shelf lifetime. Please refer to the JEDEC
spec (J-STD-033B.1) for further details.”.
• Table 5 “Limiting values”: Updated storage temperature min/max to 65/+150.
• Added Table 7 “Thermal resistance value (C/W): ±15 %”.
• Added Table 10 “Dynamic characteristic: internal oscillators”.
• Added Table 11 “Dynamic characteristic: I/O pins[1]”.
• Table 8 “Static characteristics”: Changed Vhys typ value from 0.5VDD(3V3) to
0.05VDD(3V3).
• Table 13 “Dynamic characteristics of flash”: Updated table.
• Added Section 9 “Thermal characteristics”.
• Added Section 10.3 “Electrical pin characteristics”.
• Added Section 14.2 “Crystal oscillator XTAL input and component selection”.
• Added Section 14.3 “RTC 32 kHz oscillator component selection”.
• Added Section 14.4 “XTAL and RTCX Printed Circuit Board (PCB) layout guidelines”.
• Added Section 14.5 “Standard I/O pin configuration”.
• Added Section 14.6 “Reset pin configuration”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com