Electronic Components Datasheet Search
  English  ▼

X  

IMX51 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # IMX51
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button IMX51 Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 202 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 6
Freescale Semiconductor
49
4.6.5
DPLL Electrical Parameters
Table 48 shows the DPLL electrical parameters.
4.6.6
NAND Flash Controller (NFC) Parameters
This section provides the relative timing requirements among different signals of NFC at the module level
in the different operational modes.
Timing parameters in Figure 14, Figure 15, Figure 16, Figure 17, Figure 19, and Table 50 show the default
NFC mode (asymmetric mode) using two Flash clock cycles per one access of RE_B and WE_B. Timing
parameters in Figure 14, Figure 15, Figure 16, Figure 18, Figure 19, and Table 50 show symmetric NFC
mode using one Flash clock cycle per one access of RE_B and WE_B.
Table 48. DPLL Electrical Parameters
Parameter
Test Conditions/Remarks
Min
Typ
Max
Unit
Reference clock frequency range1
1 Device input range cannot exceed the electrical specifications of the CAMP, see Table 47.
—
10
—
100
MHz
Reference clock frequency range after
pre-divider
—10
—
40
MHz
Output clock frequency range (dpdck_2)
—
300
—
1025
MHz
Pre-division factor2
2 The values specified here are internal to DPLL. Inside the DPLL, a “1” is added to the value specified by the user.Therefore,
the user has to enter a value “1” less than the desired value at the inputs of DPLL for PDF and MFD.
—1
—
16
—
Multiplication factor integer part
—
5
—
15
—
Multiplication factor numerator3
3 The maximum total multiplication factor (MFI + MFN/MFD) allowed is 15.Therefore, if the MFI value is 15, MFN value must be
zero.
Should be less than denominator
–67108862
—
67108862
—
Multiplication factor denominator2
—
1
—
67108863
—
Output Duty Cycle
—
48.5
50
51.5
%
Frequency lock time4
(FOL mode or non-integer MF)
4 T
dpdref is the time period of the reference clock after predivider.According to the specification, the maximum lock time in FOL
mode is 398 cycles of divided reference clock when DPLL starts after full reset.
——
—
398
Tdpdref
Phase lock time
—
—
—
100
µs
Frequency jitter5 (peak value)
5 Tdck is the time period of the output clock, dpdck_2.
—
—
0.02
0.04
Tdck
Phase jitter (peak value)
FPL mode, integer and fractional MF
—
2.0
3.5
ns
Power dissipation
fdck = 300 MHz @ avdd = 1.8 V,
dvdd = 1.2 V
fdck = 650 MHz @ avdd = 1.8 V,
dvdd = 1.2 V
—
—
0.65 (avdd)
0.92 (dvdd)
1.98 (avdd)
1.8 (dvdd)
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com