Electronic Components Datasheet Search
  English  ▼

X  

IMX51 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # IMX51
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button IMX51 Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 202 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 6
Freescale Semiconductor
69
4.6.9
DDR2 SDRAM Specific Parameters
Figure 35 shows the timing parameters for DDR2. The timing parameters for this diagram appear in
Table 58.
Figure 35. DDR2 SDRAM Basic Timing Parameters
Table 58. DDR2 SDRAM Timing Parameter Table
ID
Parameter
Symbol
SDCLK = 200 MHz
Unit
Min
Max
DDR1
SDRAM clock high-level width
tCH
0.45
0.55
tCK
DDR2
SDRAM clock low-level width
tCL
0.45
0.55
tCK
DDR3
SDRAM clock cycle time
tCK
5—
ns
DDR4
CS, RAS, CAS, CKE, WE, ODT setup time
tIS1
1.5
—
ns
DDR5
CS, RAS, CAS, CKE, WE, ODT hold time
tIH1
1.7
—
ns
SDCLK
WE
ADDR
ROW/BA
COL/BA
CS
CAS
RAS
DDR1
DDR3
DDR2
DDR4
DDR4
DDR4
DDR5
DDR5
DDR5
DDR5
DDR6
DDR7
SDCLK
ODT/CKE
DDR4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com