Electronic Components Datasheet Search
  English  ▼

X  

IMX51 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # IMX51
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button IMX51 Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 73Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 74Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 202 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 6
Freescale Semiconductor
71
Figure 36 shows the timing diagram for DDR2 SDRM write cycle. The timing parameters for this diagram
appear in Table 60.
Figure 36. DDR2 SDRAM Write Cycle Timing Diagram
1 Test conditions are: Capacitance 15 pF for DDR contacts. Recommended drive strengths: Medium for SDCLK and High for
address and controls.
2 SDCLK and DQS related parameters are measured from the 50% point. For example, a high is defined as 50% of the signal
value and a low is defined as 50% of the signal value. DDR SDRAM CLK parameters are measured at the crossing point of
SDCLK and SDCLK_B.
Table 60. DDR2 SDRAM Write Cycle Parameter Table
ID
Parameter
Symbol
SDCLK = 200 MHz
Unit
Min
Max
DDR17
DQ & DQM setup time to DQS
tDS
0.81
1 - In order to meet these setup/hold values, write calibration should be performed to place the DQS in the middle of DQ
window. The minimum window width is 1.6ns (DDR17+DDR18).
- From DDR controller perspective, the timing is the same for both differential and single ended mode.
—ns
DDR18
DQ & DQM hold time to DQS
tDH
0.82
2 - In order to meet these setup/hold values, write calibration should be performed to place the DQS in the middle of DQ
window. The minimum window width is 1.6ns (DDR17+DDR18).
- From DDR controller perspective, the timing is the same for both differential and single ended mode.
—ns
DDR19
DQS falling edge to SDCLK output setup time
tDSS
1.6
—
ns
DDR20
DQS falling edge SDCLK output hold time
tDSH
2.4
—
ns
DDR21
DQS latching rising transitions to associated clock edges
tDQSS
-0.7
0.3
ns
DDR22
DQS high level width
tDQSH
0.35
—
tCK
DDR23
DQS low level width
tDQSL
0.35
—
tCK
SDCLK
SDCLK_B
DQS (output)
DQ (output)
DQM (output)
Data
Data
Data
Data
Data
Data
Data
Data
DM
DM
DM
DM
DM
DM
DM
DM
DDR17
DDR17
DDR17
DDR17
DDR18
DDR18
DDR18
DDR18
DDR21
DDR23
DDR22
DDR20
DDR19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com