Electronic Components Datasheet Search
  English  ▼

X  

IMX51 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # IMX51
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button IMX51 Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 73Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 74Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 75Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 76Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 77Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 78Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 202 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 6
Freescale Semiconductor
75
4.7.1.2
CSPI Slave Mode Timing
Figure 39 depicts the timing of CSPI in Slave mode. Table 66 lists the CSPI Slave Mode timing
characteristics.
Figure 39. CSPI Slave Mode Timing Diagram
CS5
SSx Lead Time (Slave Select
setup time)
tSCS
26
—
ns
CS6
SSx Lag Time (SS hold time)
tHCS
26
—
ns
CS7
MOSI Propagation Delay
(CLOAD =20pF)
tPDmosi
–1
21
ns
CS8
MISO Setup Time
tSmiso
5—
ns
CS9
MISO Hold Time
tHmiso
5—
ns
CS10
RDY to SSx Time2
tSDRY
5—
ns
1 See specific I/O AC parameters Section 4.5, “I/O AC Parameters”
2 SPI_RDY is sampled internally by ipg_clk and is asynchronous to all other CSPI signals.
Table 66. CSPI Slave Mode Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1
SCLK Cycle Time
tclk
60
—
ns
CS2
SCLK High or Low Time
tSW
26
—
ns
CS4
SSx pulse width
tCSLH
26
—
ns
CS5
SSx Lead Time (SS setup time)
tSCS
26
—
ns
CS6
SSx Lag Time (SS hold time)
tHCS
26
—
ns
CS7
MOSI Setup Time
tSmosi
5—
ns
Table 65. CSPI Master Mode Timing Parameters (continued)
ID
Parameter
Symbol
Min
Max
Unit
CS1
CS7
CS8
CS2
CS2
CS4
CS6
CS5
CS9
SCLK
SSx
MISO
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com