Electronic Components Datasheet Search
  English  ▼

X  

IMX51 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # IMX51
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button IMX51 Datasheet HTML 87Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 88Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 89Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 90Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 91Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 92Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 93Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 94Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 202 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 6
Freescale Semiconductor
91
4.7.8.4
IPU Display Interface Timing
The IPU Display Interface supports two kinds of display’s accesses: synchronous and asynchronous. There
are two groups of external interface pins to provide synchronous and asynchronous controls accordantly.
4.7.8.4.1
Synchronous Controls
The synchronous control is a signal that changes its value as a function either of a system or of an external
clock. This control has a permanent period and a permanent wave form.
There are special physical outputs to provide synchronous controls:
•
The ipp_disp_clk is a dedicated base synchronous signal that is used to generate a base display
(component, pixel) clock for a display.
•
The ipp_pin_1– ipp_pin_7 are general purpose synchronous pins, that can be used to provide
HSYNC, VSYNC, DRDY or any else independent signal to a display.
The IPU has a system of internal binding counters for internal events (like HSYNC/VSYCN and so on)
calculation. The internal event (local start point) is synchronized with internal DI_CLK. A suitable control
starts from the local start point with predefined UP and DOWN values to calculate control’s changing
points with half DI_CLK resolution. A full description of the counters system is in the IPU chapter of the
i.MX51 Multimedia Applications Processor Reference Manual (MCIMX51RM).
4.7.8.4.2
Asynchronous Controls
The asynchronous control is a data oriented signal that changes its a value with an output data according
to an additional internal flags coming with the data.
There are special physical outputs to provide asynchronous controls, as follows:
•
The ipp_d0_cs and ipp_d1_cspins are dedicated to provide chip select signals to two displays
•
The ipp_pin_11– ipp_pin_17 are general purpose asynchronous pins, that can be used to provide
WR. RD, RS or any else data oriented signal to display.
NOTE
The IPU has independent signal generators for asynchronous signals
toggling. When a DI decides to put a new asynchronous data in the bus, a
new internal start (local start point) is generated. The signals generators
calculate predefined UP and DOWN values to change pins states with half
DI_CLK resolution.
4.7.8.5
Synchronous Interfaces to Standard Active Matrix TFT LCD Panels
4.7.8.5.1
IPU Display Operating Signals
The IPU uses four control signals and data to operate a standard synchronous interface:
•
IPP_DISP_CLK—Clock to display
•
HSYNC—Horizontal synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com