Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 116 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 116 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 112Page - ATMEL Corporation AT90USB646 Datasheet HTML 113Page - ATMEL Corporation AT90USB646 Datasheet HTML 114Page - ATMEL Corporation AT90USB646 Datasheet HTML 115Page - ATMEL Corporation AT90USB646 Datasheet HTML 116Page - ATMEL Corporation AT90USB646 Datasheet HTML 117Page - ATMEL Corporation AT90USB646 Datasheet HTML 118Page - ATMEL Corporation AT90USB646 Datasheet HTML 119Page - ATMEL Corporation AT90USB646 Datasheet HTML 120Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 456 page
background image
116
7593L–AVR–09/12
AT90USB64/128
Figure 15-1. 16-bit Timer/Counter block diagram
(1).
Note:
1. Refer to Figure 1-1 on page 3, Table 11-6 on page 79, and Table 11-9 on page 82 for
Timer/Counter1 and 3 and 3 pin placement and description.
15.1.1
Registers
The Timer/Counter (TCNTn), Output Compare Registers (OCRnA/B/C), and Input Capture Reg-
ister (ICRn) are all 16-bit registers. Special procedures must be followed when accessing the 16-
bit registers. These procedures are described in the section “Accessing 16-bit registers” on page
117. The Timer/Counter Control Registers (TCCRnA/B/C) are 8-bit registers and have no CPU
access restrictions. Interrupt requests (shorten as Int.Req.) signals are all visible in the Timer
Interrupt Flag Register (TIFRn). All interrupts are individually masked with the Timer Interrupt
Mask Register (TIMSKn). TIFRn and TIMSKn are not shown in the figure since these registers
are shared by other timer units.
The Timer/Counter can be clocked internally, via the prescaler, or by an external clock source on
the Tn pin. The Clock Select logic block controls which clock source and edge the Timer/Counter
uses to increment (or decrement) its value. The Timer/Counter is inactive when no clock source
is selected. The output from the clock select logic is referred to as the timer clock (clk
Tn).
The double buffered Output Compare Registers (OCRnA/B/C) are compared with the
Timer/Counter value at all time. The result of the compare can be used by the Waveform Gener-
ator to generate a PWM or variable frequency output on the Output Compare pin (OCnA/B/C).
ICFn (Int.Req.)
TOVn
(int.req.)
Clock select
Timer/Counter
ICRn
=
=
=
TCNTn
Waveform
generation
Waveform
generation
Waveform
generation
OCnA
OCnB
OCnC
Noise
canceler
ICPn
=
Fixed
TOP
values
Edge
detector
Control logic
= 0
TOP
BOTTOM
Count
Clear
Direction
OCFnA
(Int.Req.)
OCFnB
(Int.Req.)
OCFnC
(Int.Req.)
TCCRnA
TCCRnB
TCCRnC
( From Analog
Comparator Ouput )
Tn
Edge
detector
(From prescaler)
TCLK
OCRnC
OCRnB
OCRnA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com