Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 120 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 120 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 116Page - ATMEL Corporation AT90USB646 Datasheet HTML 117Page - ATMEL Corporation AT90USB646 Datasheet HTML 118Page - ATMEL Corporation AT90USB646 Datasheet HTML 119Page - ATMEL Corporation AT90USB646 Datasheet HTML 120Page - ATMEL Corporation AT90USB646 Datasheet HTML 121Page - ATMEL Corporation AT90USB646 Datasheet HTML 122Page - ATMEL Corporation AT90USB646 Datasheet HTML 123Page - ATMEL Corporation AT90USB646 Datasheet HTML 124Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 456 page
background image
120
7593L–AVR–09/12
AT90USB64/128
The following code examples show how to do an atomic write of the TCNTn Register contents.
Writing any of the OCRnA/B/C or ICRn Registers can be done by using the same principle.
Note:
1. See “About code examples” on page 10.
The assembly code example requires that the r17:r16 register pair contains the value to be writ-
ten to TCNTn.
15.2.1
Reusing the Temporary High Byte register
If writing to more than one 16-bit register where the high byte is the same for all registers written,
then the high byte only needs to be written once. However, note that the same rule of atomic
operation described previously also applies in this case.
15.3
Timer/Counter clock sources
The Timer/Counter can be clocked by an internal or an external clock source. The clock source
is selected by the Clock Select logic which is controlled by the Clock Select (CSn2:0) bits
located in the Timer/Counter control Register B (TCCRnB). For details on clock sources and
prescaler, see Section “Timer/Counter0, Timer/Counter1, and Timer/Counter3 prescalers” on
page 96.
Assembly code example
(1)
TIM16_WriteTCNTn:
; Save global interrupt flag
in
r18,SREG
; Disable interrupts
cli
; Set TCNTn to r17:r16
out
TCNTnH,r17
out
TCNTnL,r16
; Restore global interrupt flag
out
SREG,r18
ret
C code example
(1)
void
TIM16_WriteTCNTn( unsigned int i )
{
unsigned char
sreg;
unsigned int
i;
/* Save global interrupt flag */
sreg = SREG;
/* Disable interrupts */
__disable_interrupt();
/* Set TCNTn to i */
TCNTn = i;
/* Restore global interrupt flag */
SREG = sreg;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com